Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC-150S490ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRC-150S490ST
Description  Switch Mode LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-150S490ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRC-150S490ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-150S490ST Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-150S490ST Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
150W TRC-150 Series
Switch Mode LED Drivers
Constant Current
Aluminum Housing
Electrical Specifications
Input Voltage Range:
100 - 277 Nom. Vac (90 - 305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
65 Amps max @ 230 Vac, cold start 25ºC
Input Current:
1.8 A max 100Vac, 0.9 A max 220Vac
Maximum Power:
150W
Line Regulation:
± 1%
Load Regulation:
± 3%
Leakage Current:
1 mA 277 VAC 60Hz
Typical Efficiency
89-91% at 277VAC
Turn-on Delay:
0.5S typical 110Vac, 0.3S typical 220Vac
Ripple and Noise:
3% V
o
Protection:
Over-Voltage, Over-Temperature (110°C), Lightning,
and Short Circuit Protection with Self Recovery
Environmental Specifications
Max Case Temperature:
350mA, 450mA, 700mA Tc= 88.2ºC, all others Tc= 90ºC
Storage Temperature:
-40ºC to +85ºC
Minimum Starting Temp: -35ºC
Humidity:
5% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
- 250,000 Hrs (350mA model) @110Vac input, 80% load,
25ºC ambient conditions per MIL-HDBK-217F
- 195,000 Hrs (5950mA model) @110Vac input, 80% load,
25ºC ambient conditions per MIL-HDBK-217F
Lifetime:
- 90,000 Hrs (350mA model) @ 220Vac, 80% load,
60ºC case temp.
- 50,000 Hrs (5950mA model) @ 220Vac, 80% load,
60ºC case temp.
Weight:
3.31 lbs. (1.5 kg)
Constant Current - Product Specifications
Model Name
Output Current
(mA)
*
Output Voltage
Range (Vdc)
Max Output
Power (W)
Typical
Efficiency
TRC-150S035ST
350
256-428
150
92%
TRC-150S045ST
450
200-333
150
92%
TRC-150S070ST
700
128-214
150
92%
TRC-150S105ST
1050
85-142
150
92%
TRC-150S140ST
1400
64-107
150
92%
TRC-150S175ST
1750
51-85
150
91%
TRC-150S210ST
2100
42-71
150
91%
TRC-150S245ST
2450
36-61
150
90%
TRC-150S280ST
2800
31-53
150
90%
TRC-150S315ST
3150
28-47
150
90%
TRC-150S350ST
3500
25-42
150
90%
TRC-150S420ST
4200
21-35
150
89%
TRC-150S490ST
4900
18-30
150
89%
TRC-150S595ST
5950
15-25
150
88%
* The output current is adjustable at factory from 50% to 100%.
E332160
• Total Power: 150 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP67
• Ultra-high Efficiency
• High Power Factor with Active Correction
• UL8750
Rev 9-1-15
HI-POT Test
Normal Application
Nut
Metal Lock Sheet
The new design of this LED driver provides 1.4KV surge protection. To properly
HI-POT test this unit, the surge protection must be disconnected. The screw, nut, and
metal lock sheet on the input side of the driver provide for this. To test, first remove
the nut and lock sheet as shown. After testing, secure the nut and lock sheet to
provide line-to-earth protection.
This HI-POT test feature is available on product manufactured after August 15, 2015.
New Surge Protection and HI-POT Testing


Similar Part No. - TRC-150S490ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-150S035DT ETC2-TRC-150S035DT Datasheet
721Kb / 3P
   Switch Mode LED Drivers
TRC-150S045DT ETC2-TRC-150S045DT Datasheet
721Kb / 3P
   Switch Mode LED Drivers
TRC-150S070DT ETC2-TRC-150S070DT Datasheet
721Kb / 3P
   Switch Mode LED Drivers
TRC-150S105DT ETC2-TRC-150S105DT Datasheet
721Kb / 3P
   Switch Mode LED Drivers
TRC-150S140DT ETC2-TRC-150S140DT Datasheet
721Kb / 3P
   Switch Mode LED Drivers
More results

Similar Description - TRC-150S490ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com