Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRV-075S024ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRV-075S024ST
Description  Switch Mode LED Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRV-075S024ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRV-075S024ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TRV-075S024ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
75W TRV-075 Series
Switch Mode LED Drivers
Constant Voltage
Aluminum Housing
Electrical Specifications
Input Voltage Range:
100 - 277 Nom. Vac (90 - 305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
0.85 min @ 100V through 277V, 75-100% load
Input Current:
0.88 A max 100Vac
Maximum Power:
75W
Line Regulation:
± 1%
Load Regulation:
± 2%
Turn-on Delay:
1.2S max @ 120V
Protection:
Over-Voltage, Over-Current, Over-Temperature (110°C),
and Short Circuit Protection with Auto Recovery
Environmental Specifications
Minimum Starting Temp: -35ºC
Maximum Case Temp:
88°C
Minimum Starting Temp: -35ºC
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 100%
Cooling:
Convection
Sound Rating:
Class A
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
MTBF:
350,000 Hours @ full load and 25ºC ambient conditions
per MIL-HDBK-217F
Lifetime:
83,000 Hours @ 220V, 80% load, 25ºC ambient
Model Number
Output Current
Range (A)
Output Voltage
(Vdc)
Max. Output
Power (W)
Typical
Efficiency
TRV-075S012ST
0-6.25
12
75
90%
TRV-075S024ST
0-3.13
24
75
92%
TRV-075S036ST
0-2.08
36
75
92%
TRV-075S042ST
0-1.79
42
75
92%
TRV-075S048ST
0-1.56
48
75
92%
TRV-075S054ST
0-1.39
54
75
92%
E332160
Rev 8-27-15
• Total Power: 75 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP67
• Ultra-high Efficiency
• High Power Factor
• UL8750
HI-POT Test
Normal Application
Nut
Metal Lock Sheet
The new design of this LED driver provides 1.4KV surge protection. To properly
HI-POT test this unit, the surge protection must be disconnected. The screw, nut, and
metal lock sheet on the input side of the driver provide for this. To test, first remove
the nut and lock sheet as shown. After testing, secure the nut and lock sheet to
provide line-to-earth protection.
This HI-POT test feature is available on product manufactured after August 15, 2015.
New Surge Protection and HI-POT Testing


Similar Part No. - TRV-075S024ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRV-096S024ST ETC2-TRV-096S024ST Datasheet
546Kb / 2P
   Switch Mode LED Drivers
TRV-096S036ST ETC2-TRV-096S036ST Datasheet
546Kb / 2P
   Switch Mode LED Drivers
TRV-096S048ST ETC2-TRV-096S048ST Datasheet
546Kb / 2P
   Switch Mode LED Drivers
TRV-096S054ST ETC2-TRV-096S054ST Datasheet
546Kb / 2P
   Switch Mode LED Drivers
More results

Similar Description - TRV-075S024ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com