Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX563CWN Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX563CWN
Description  3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX563CWN Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX563CWN Datasheet HTML 1Page - Maxim Integrated Products MAX563CWN Datasheet HTML 2Page - Maxim Integrated Products MAX563CWN Datasheet HTML 3Page - Maxim Integrated Products MAX563CWN Datasheet HTML 4Page - Maxim Integrated Products MAX563CWN Datasheet HTML 5Page - Maxim Integrated Products MAX563CWN Datasheet HTML 6Page - Maxim Integrated Products MAX563CWN Datasheet HTML 7Page - Maxim Integrated Products MAX563CWN Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
_______________________________________________________________________________________
7
+3.3V-Powered, EIA/TIA-562 Dual Transceiver
with Receivers Active in Shutdown
Table 1. Summary of EIA/TIA-232E/V.28 and EIA/TIA-562 Specifications
NAME
DB9 PIN
SYMBOL
5
9
Ring Indicator
GND
DB25 PIN
7
Signal Ground
1
DCD
RI
22
Received Line Signal Detector (some-
times called Data Carrier Detect)
6
2
RxD
DSR
Handshake from DCE
8
Data Set Ready
3
TxD
7
6
3
Receiver Data
2
Transmit Data
RTS
4
20
Request to Send
4
DTR
5
Data Terminal Ready
Clear to Send
8
CTS
FUNCTION
Reference point for signals
Handshake from DCE
Data from DCE
Handshake from DCE
Data from DTE
Handshake from DTE
Handshake from DTE
Handshake from DCE
CONDITION
PARAMETER
EIA/TIA-232E/V.28
SPECIFICATION
Maximum Input Level
Driver Output Resistance with Power Off
-2V < VOUT < 2V
±25V
5.0V to 15.0V
Driver Output Voltage
0 Level
1 Level
-5.0V to -15.0V
300
3k
Ω to 7kΩ load
Maximum Instantaneous Slew Rate
Maximum Output Level
±25V
30V/µs
300
Up to 20kbps
Signal Rate (3k
Ω≤ RL ≤ 7kΩ)
Not defined
Maximum Driver Output Short-Circuit
Current
No load
CL = 2500pF
CL = 1000pF
100mA
3.0V to 15.0V
Receiver Input Thresholds
0 Level
1 Level
-3.0V to -15.0V
V.28 1ms or 3% of the period
Transition Rate on Driver Output
RS-232 4% of the period
EIA/TIA-562
SPECIFICATION
±25V
3.7V to 13.2V
-3.7V to -13.2V
±13.2V
30V/µs
Up to 20kbps
Up to 64kbps
60mA
3.0V to 15.0V
-3.0V to -15.0V
4V/µs
Table 2. DB9/DB25 Cable Connections Commonly Used for EIA/TIA-232E, EIA/TIA-562 and V.24
Asynchronous Interfaces


Similar Part No. - MAX563CWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UCB MAXIM-MAX5631UCB Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UCB MAXIM-MAX5631UCB Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UTK MAXIM-MAX5631UTK Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
More results

Similar Description - MAX563CWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX560 MAXIM-MAX560 Datasheet
340Kb / 8P
   3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
Rev 0; 5/92
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Intersil Corporation
ISL8563 INTERSIL-ISL8563 Datasheet
247Kb / 10P
   3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
logo
Linear Technology
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com