Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC-150S140ST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRC-150S140ST
Description  Switch Mode LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-150S140ST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRC-150S140ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-150S140ST Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-150S140ST Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 3
SSL Solutions Faster Than The Speed Of Light®
Derating Curve
Derating Curve
0
-35
-20
-5
10
25
40
55
70
90
120
150
180
210
240
270
300
330
20
40
60
80
100
Ambient Temperature (°C)
100Vac
100Vac (350mA, 450mA)
277Vac
0
20
40
60
80
100
Input Voltage (V)
40
Case Temperature (°C)
0
50
100
150
200
250
300
50
60
70
80
90
30
Case Temperature (°C)
0
50
100
150
200
250
300
40
50
60
70
80
90
30
Case Temperature (°C)
Lifetime / Case Temperature (1400mA)
Lifetime / Case Temperature (5950mA)
Lifetime / Case Temperature (350mA)
0
50
100
150
200
300
250
40
50
60
70
80
90
Normalized Output Voltage
Power Factor / Output Voltage
60%
70%
80%
90%
100%
Normalized Output Voltage
THD / Output Voltage
60%
70%
80%
90%
100%
0.60
0.65
0.80
0.75
0.70
0.85
0.95
0.90
1.00
0%
12%
8%
4%
16%
20%
120Vac
220Vac
277Vac
120Vac
220Vac
277Vac
Efficiency / Load
75%
70%
80%
85%
90%
95%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
TRC-150 Series


Similar Part No. - TRC-150S140ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-150S140DT ETC2-TRC-150S140DT Datasheet
721Kb / 3P
   Switch Mode LED Drivers
More results

Similar Description - TRC-150S140ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com