Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985A-25DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985A-25DBVR
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-25DBVR Datasheet(HTML) 3 Page - Texas Instruments

  LP2985A-25DBVR Datasheet HTML 1Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 2Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 3Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 4Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 5Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 6Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 7Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 8Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DBV (SOT-23) PACKAGE
(TOP VIEW)
1
2
3
5
4
VIN
GND
ON/OFF
VOUT
BYPASS
LP2985
www.ti.com
SLVS522O – JULY 2004 – REVISED JANUARY 2015
5 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
BYPASS
4
I/O
Attach a 10-nF capacitor to improve low-noise performance.
GND
2
Ground
ON/OFF
3
I
Active-low shutdown pin. Tie to VIN if unused.
VIN
1
I
Supply input
VOUT
5
O
Voltage output
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - LP2985A-25DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-25DBVR TI-LP2985A-25DBVR Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVR TI-LP2985A-25DBVR Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVR TI-LP2985A-25DBVR Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVR TI-LP2985A-25DBVR Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVR TI1-LP2985A-25DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
More results

Similar Description - LP2985A-25DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com