Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8768101V2A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8768101V2A
Description  RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-8768101V2A Datasheet(HTML) 3 Page - Texas Instruments

  5962-8768101V2A Datasheet HTML 1Page - Texas Instruments 5962-8768101V2A Datasheet HTML 2Page - Texas Instruments 5962-8768101V2A Datasheet HTML 3Page - Texas Instruments 5962-8768101V2A Datasheet HTML 4Page - Texas Instruments 5962-8768101V2A Datasheet HTML 5Page - Texas Instruments 5962-8768101V2A Datasheet HTML 6Page - Texas Instruments 5962-8768101V2A Datasheet HTML 7Page - Texas Instruments 5962-8768101V2A Datasheet HTML 8Page - Texas Instruments 5962-8768101V2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INV
NI
E/A Out
Clock
RT
CT
Ramp
Soft Start
VREF 5.1 V
VCC
Out B
VC
Pwr Gnd
Out A
Gnd
ILIM/SD
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
Out B
VC
NC
Pwr Gnd
Out A
E/A Out
Clock
NC
RT
CT
UC1825-SP
www.ti.com
SLUS870A – JANUARY 2009 – REVISED MARCH 2012
J PACKAGE
(TOP VIEW)
FK PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
NO.
NAME
I/O
DESCRIPTION
J
FK
Clock
4
5
O
Output of the internal oscillator
Timing capacitor connection pin for oscillator frequency programming. The timing capacitor
CT
6
8
I
should be connected to the device ground using minimal trace length.
E/A Out
3
4
O
Output of the error amplifier for compensation
Gnd
10
13
-
Analog ground return pin
ILIM/SD
9
12
I
Input to the current limit comparator and the shutdown comparator
INV
1
2
I
Inverting input to the error amplifier
NC
1, 6, 11, 16
-
No connection
NI
2
3
I
Non-inverting input to the error amplifier
Out A
11
14
O
High-current totem pole output A of the on-chip drive stage
Out B
14
18
O
High-current totem pole output B of the on-chip drive stage
Pwr Gnd
12
15
-
Ground return pin for the output driver stage
Non-inverting input to the PWM comparator with 1.25-V internal input offset. In voltage
Ramp
7
9
I
mode operation this serves as the input voltage feed-forward function by using the CT
ramp. In peak current mode operation, this serves as the slope compensation input.
RT
5
7
I
Timing resistor connection pin for oscillator frequency programming
Soft Start
8
10
I
Soft-start input pin which also doubles as the maximum duty cycle clamp
Power supply pin for the output stage. This pin should be bypassed with a 0.1-
μF
VC
13
17
-
monolithic ceramic low ESL capacitor with minimal trace lengths.
Power supply pin for the device. This pin should be bypassed with a 0.1-
μF monolithic
VCC
15
19
-
ceramic low ESL capacitor with minimal trace lengths.
5.1-V reference. For stability, the reference should be bypassed with a 0.1-
μF monolithic
VREF5.1 V
16
20
O
ceramic low ESL capacitor and minimal trace length to the ground plane.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1825-SP


Similar Part No. - 5962-8768101V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8768101V2A TI-5962-8768101V2A Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - 5962-8768101V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com