Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1825-SP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UC1825-SP
Description  RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1825-SP Datasheet(HTML) 5 Page - Texas Instruments

  UC1825-SP Datasheet HTML 1Page - Texas Instruments UC1825-SP Datasheet HTML 2Page - Texas Instruments UC1825-SP Datasheet HTML 3Page - Texas Instruments UC1825-SP Datasheet HTML 4Page - Texas Instruments UC1825-SP Datasheet HTML 5Page - Texas Instruments UC1825-SP Datasheet HTML 6Page - Texas Instruments UC1825-SP Datasheet HTML 7Page - Texas Instruments UC1825-SP Datasheet HTML 8Page - Texas Instruments UC1825-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
UC1825-SP
www.ti.com
SLUS870A – JANUARY 2009 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these specifications apply for RT = 3.65 kΩ, CT = 1 nF, VCC = 15 V, –55°C < TA < 125°C, TA = TJ
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
Output voltage
TJ = 25°C, IO = 1 mA
5.05
5.10
5.15
V
Line regulation
10 V < VCC < 30 V
2
20
mV
Load regulation
1 mA < IO < 10 mA
5
20
mV
Total output variation
Line, load, temperature
5.0
5.2
V
Output noise voltage
10 Hz < f < 10 kHz
50
μV
Short-circuit current
VREF = 0 V
–15
–50
–100
mA
OSCILLATOR SECTION
Initial accuracy
TJ = 25°C
360
400
440
kHz
Voltage stability
10 V < VCC < 30 V
0.2%
2%
Temperature stability
TMIN < TA < TMAX
5%
16%
Total variation
Line, Temperature
340
460
kHz
Clock out high
3.9
4.5
V
Clock out low
2.3
2.9
V
Ramp peak(1)
2.6
2.8
3.0
V
Ramp valley(1)
0.7
1.0
1.25
V
Ramp valley to peak(1)
1.6
1.8
2.1
V
ERROR AMPLIFIER
Input offset voltage
10
mV
Input bias current
0.6
3
μA
Input offset current
0.1
1
μA
Open-loop gain
1 V < VO < 4 V
60
95
dB
CMRR
1.5 V < VCM < 5.5 V
75
95
dB
PSRR
10 V < VCC < 30 V
85
110
dB
Output sink current
VE/AOut= 1 V
1
2.5
mA
Output source current
VE/AOut = 4 V
–0.5
–1.3
mA
Output high voltage
IE/AOut = –0.5 mA
4.0
4.7
5.0
V
Output low voltage
IE/AOut = 1 mA
0
0.5
1.0
V
Gain bandwidth product(1)
f = 200 kHz
5
10.5
MHz
Slew rate(1)
4
9
V/
μs
PWM COMPARATOR
Ramp bias current
VRamp = 0 V
–1
–5
μA
Duty cycle range
0%
80%
E/A out zero dc threshold
VRamp = 0 V
1.1
1.25
V
Delay to output(1)
50
80
ns
SOFT-START
Charge current
VSoft Start = 0.5 V
3
9
20
μA
Discharge current
VSoft Start = 1 V
1
mA
CURRENT LIMIT/SHUTDOWN
Current limit/shutdown bias current
0 < VILIM/SD < 4 V
15
μA
Current limit threshold
0.9
1.0
1.1
V
Shutdown threshold
1.25
1.40
1.55
V
Delay to output(1)
50
80
ns
(1)
Parameters ensured by design and/or characterization, if not production tested.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC1825-SP


Similar Part No. - UC1825-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC1825-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com