Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX548AEUA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX548AEUA
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX548AEUA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX548AEUA Datasheet HTML 5Page - Maxim Integrated Products MAX548AEUA Datasheet HTML 6Page - Maxim Integrated Products MAX548AEUA Datasheet HTML 7Page - Maxim Integrated Products MAX548AEUA Datasheet HTML 8Page - Maxim Integrated Products MAX548AEUA Datasheet HTML 9Page - Maxim Integrated Products MAX548AEUA Datasheet HTML 10Page - Maxim Integrated Products MAX548AEUA Datasheet HTML 11Page - Maxim Integrated Products MAX548AEUA Datasheet HTML 12Page - Maxim Integrated Products MAX548AEUA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
_______________________________________________________________________________________
9
Table 2. MAX548A Serial-Interface Programming Commands
COMMAND
(Commands executed on CS’s rising edge)
LDAC
COMMANDS LOADING INPUT REGISTER(S) ONLY
X
Unassigned operation
X
XXXXXXXX
0
0
X
X
X
1
X
X
Unassigned command
X
XXXXXXXX
0
0
X
0
X
0
X
CONTROL BYTE
Loaded First
Loaded Last
UB1
Pin 6
D7........D0
A0
A1
C0
C1
UB3
C2
UB2
X
Load DAC B input register and update both DAC
registers. DAC A input register unchanged.
0
8-Bit DAC Data
X
Load DAC A input register and update both DAC
registers. DAC B input register unchanged.
0
8-Bit DAC Data
0
1
1
1
X
0
X
1
0
1
1
X
0
X
Update both DAC registers with current contents
of their input registers. Both input registers
unchanged.
0
0
0
1
1
X
0
X
X
X
Load both DAC input registers and update both
DAC registers.
X
8-Bit DAC Data
1
1
0
1
X
0
X
X
Load DAC B input register and update both DAC
registers. DAC A input register unchanged.
X
8-Bit DAC Data
0
1
0
1
X
0
X
X
Load both DAC input registers. Both DAC regis-
ters unchanged.
X
8-Bit DAC Data
1
1
X
0
X
0
X
X
Load DAC B input register. DAC A input register
and both DAC registers unchanged.
X
8-Bit DAC Data
0
1
X
0
X
0
X
X
Load DAC A input register and update both DAC
registers. DAC B input register unchanged.
X
8-Bit DAC Data
1
0
0
1
X
0
X
X
Load DAC A input register. DAC B input register
and both DAC registers unchanged.
Update both DAC registers with current contents
of their input registers. Both input registers
unchanged.
X
X
8-Bit DAC Data
XXXXXXXX
1
0
0
0
X
0
0
1
X
0
X
0
X
X
X
UNASSIGNED COMMANDS
DATA BYTE
XXXXXXXX
COMMANDS UPDATING DAC REGISTER(S)
X
Load both DAC input registers and update both
DAC registers.
0
8-Bit DAC Data
1
1
1
1
X
0
X
COMMANDS UTILIZING THE ASYNCHRONOUS LOAD FUNCTION
X
After CS’s rising edge and on LDAC’s falling
edge, update both DAC registers with current
contents of their input registers. Both input regis-
ters unchanged.
1
XXXXXXXX
0
0
1
1
X
0
X
X
Load DAC A input register. After CS’s rising edge
and on LDAC’s falling edge, update both DAC
registers.
1
8-Bit DAC Data
1
0
1
1
X
0
X
X
Load DAC B input register. After CS’s rising edge
and on LDAC’s falling edge, update both DAC
registers.
1
8-Bit DAC Data
0
1
1
1
X
0
X
X
Load both DAC input registers. After CS’s rising
edge and on LDAC’s falling edge, update both
DAC registers.
1
8-Bit DAC Data
1
1
1
1
X
0
X


Similar Part No. - MAX548AEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480ACEE MAXIM-MAX5480ACEE Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480AEEE MAXIM-MAX5480AEEE Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480BCEE MAXIM-MAX5480BCEE Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480BEEE MAXIM-MAX5480BEEE Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
More results

Similar Description - MAX548AEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX550B MAXIM-MAX550B Datasheet
106Kb / 12P
   Low-Power, 2.5V to 5.5V, 8-Bit Voltage-Output DAC in 關MAX
Rev 0; 9/96
MAX5354 MAXIM-MAX5354 Datasheet
196Kb / 16P
   10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97
MAX5510 MAXIM-MAX5510 Datasheet
1,012Kb / 18P
   1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com