Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX539 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX539
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX539 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX539 Datasheet HTML 1Page - Maxim Integrated Products MAX539 Datasheet HTML 2Page - Maxim Integrated Products MAX539 Datasheet HTML 3Page - Maxim Integrated Products MAX539 Datasheet HTML 4Page - Maxim Integrated Products MAX539 Datasheet HTML 5Page - Maxim Integrated Products MAX539 Datasheet HTML 6Page - Maxim Integrated Products MAX539 Datasheet HTML 7Page - Maxim Integrated Products MAX539 Datasheet HTML 8Page - Maxim Integrated Products MAX539 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
_______________________________________________________________________________________
5
Note 2: In single-supply operation, INL and GE calculated from code 11 to code 4095. Tested at VDD = +5V.
Note 3: This specification applies to both gain-error power-supply rejection ratio and offset-error power-supply rejection ratio.
Note 4: Guaranteed by design.
Note 5: Tested at IOUT = 100µA. The reference can typically source up to 5mA (see Typical Operating Characteristics).
ELECTRICAL CHARACTERISTICS—Dual Supplies (MAX531 Only) (continued)
(VDD = +5V ±10%, VSS = -5V ±10%, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT, CREFOUT = 33µF,
RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Voltage-Output Slew Rate
SR
dB
0.15
0.25
VDD
V/µs
4.5
5.5
ISC
12
V
mA
Positive Supply Voltage
1
LSB
Negative Supply Voltage
Voltage-Output Settling Time
25
µs
Signal-to-Noise plus Distortion
5
nV-s
VSS
-5.5
0
V
Short-Circuit Current
68
Digital Feedthrough
SINAD
68
Output Load Regulation
VSS + 2
VDD - 2
Output Voltage Range
VSS + 0.4
VDD - 0.4
V
CONDITIONS
VOUT = 2V, RL = 2kΩ
To ±1/2LSB, VOUT = 2V
Step 000 hex to FFF hex
REFIN = 1kHz, 2Vp-p, (G = +1)
REFIN = 1kHz, 2Vp-p, (G = +2)
MAX531 (G = +1)
MAX531 (G = +2)
CS Setup Time
tCSS
20
ns
SCLK Fall to
CS Fall Hold Time
tCSH0
15
ns
SCLK Fall to
CS Rise Hold Time
tCSH1
0
ns
SCLK High Width
tCH
35
ns
SCLK Low Width
tCL
35
ns
DIN Setup Time
tDS
45
ns
DIN Hold Time
tDH
0
ns
DOUT Valid Propagation Delay
tDO
CL = 50pF
80
ns
CS High Pulse Width
tCSW
20
ns
CLR Pulse Width
tCLR
25
ns
CS Rise to SCLK Rise Setup Time
tCS1
50
ns
Positive Supply Current
IDD
260
400
µA
All inputs = 0V or VDD, no load
Negative Supply Current
ISS
-120
-200
µA
All inputs = 0V or VDD, no load
VOLTAGE OUTPUT (VOUT)
DYNAMIC PERFORMANCE
POWER SUPPLY
SWITCHING CHARACTERISTICS


Similar Part No. - MAX539

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
826Kb / 14P
   2.6V to 5.25V Single-Supply Operation
Rev 0; 3/10
MAX5391 MAXIM-MAX5391 Datasheet
1Mb / 13P
   PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
MAX5391 MAXIM-MAX5391 Datasheet
1Mb / 13P
   PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
More results

Similar Description - MAX539

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com