Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX5541 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX5541
Description  Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

   
 5 page
background image
Low-Cost, +5V, Serial-Input,
Voltage-Output, 16-Bit DAC
_______________________________________________________________________________________
5
MAJOR-CARRY OUTPUT GLITCH
2
µs/div
CS
5V/div
OUT
AC-COUPLED
100mV/div
DIGITAL FEEDTHROUGH
2
µs/div
SCLK
5V/div
OUT
AC-COUPLED
50mV/div
CODE = 0000 hex
Typical Operating Characteristics (continued)
(VDD = +5V, VREF = +2.5V, TA = +25°C, unless otherwise noted.)
______________________________________________________________Pin Description
+5V Supply Voltage
VDD
8
Digital Ground
DGND
7
Serial-Data Input
DIN
6
Serial-Clock Input. Duty cycle must be between 40% and 60%.
SCLK
5
Chip-Select Input
CS
4
Voltage Reference Input. Connect to external +2.5V reference.
REF
3
Analog Ground
AGND
2
DAC Output Voltage
OUT
1
FUNCTION
NAME
PIN
1
µs/div
FULL-SCALE STEP RESPONSE
(fSCLK = 10MHz)
OUT
500mV/div
CL = 13pF, RL =
400ns/div
FULL-SCALE STEP RESPONSE
(fSCLK = 20MHz)
OUT
500mV/div
CL = 13pF, RL =




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX5544Low-Cost +5V Serial-Input Voltage-Output 14-Bit DAC 1 2 3 4 5 MoreMaxim Integrated Products
MAX541+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5441+3V/+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5141+3V/+5V Serial-Input Voltage-Output 14-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5204Low-Cost Voltage-Output 16-Bit DACs in UMAX 1 2 3 4 5 MoreMaxim Integrated Products
MAX530+5V Low-Power Parallel-Input Voltage-Output 12-Bit DAC 1 2 3 4 5 MoreMaxim Integrated Products
MAX5200Low-Cost Voltage-Output 16-Bit DACs with Internal Reference in μMAX 1 2 3 4 5 MoreMaxim Integrated Products
MAX544+5V Serial-Input Voltage-Output 14-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
AD55415 V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreAnalog Devices
LTC1650Low Glitch 16-Bit Voltage Output DAC 1 2 3 4 5 MoreLinear Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl