Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX5541 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX5541
Description  Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

   
 1 page
background image
General Description
The MAX5541 serial-input, voltage-output, 16-bit
monotonic digital-to-analog converter (DAC) operates
from a single +5V supply. The DAC output is
unbuffered, resulting in low 0.3mA supply current and
low 1LSB offset error. The DAC output range is 0V to
VREF. The DAC latch accepts a 16-bit serial word. A
power-on reset circuit clears the DAC output to 0V
(unipolar mode) when power is initially applied.
The 10MHz 3-wire serial interface is SPI™/QSPI™/
MICROWIRE™ compatible and interfaces directly with
optocouplers for applications requiring isolation. The
MAX5541 is available in an 8-pin SO package.
Applications
High-Resolution Offset and Gain Adjustment
Industrial Process Control
Automated Test Equipment
Data Acquisition Systems
Features
o Full 16-Bit Performance Without Adjustments
o +5V Single-Supply Operation
o Low Power: 1.5mW
o 1µs Settling Time
o Unbuffered Voltage Output Directly Drives 60kΩ
Loads
o SPI/QSPI/MICROWIRE-Compatible Serial Interface
o Power-On Reset Circuit Clears DAC Output to 0V
(unipolar mode)
o Schmitt Trigger Inputs for Direct Optocoupler
Interface
Low-Cost, +5V, Serial-Input,
Voltage-Output, 16-Bit DAC
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
SO
DIN
REF
SCLK
CS
1
2
8
7
VDD
DGND
AGND
OUT
MAX5541
3
4
6
5
Pin Configuration
16-BIT DAC
16-BIT DATA LATCH
SERIAL INPUT REGISTER
CONTROL
LOGIC
MAX5541
REF
CS
DIN
SCLK
AGND
OUT
VDD
DGND
Functional Diagram
19-1572; Rev 0; 12/99
PART
MAX5541CSA
MAX5541ESA
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 SO
Ordering Information
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX5544Low-Cost +5V Serial-Input Voltage-Output 14-Bit DAC 1 2 3 4 5 MoreMaxim Integrated Products
MAX541+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5441+3V/+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5141+3V/+5V Serial-Input Voltage-Output 14-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5204Low-Cost Voltage-Output 16-Bit DACs in UMAX 1 2 3 4 5 MoreMaxim Integrated Products
MAX530+5V Low-Power Parallel-Input Voltage-Output 12-Bit DAC 1 2 3 4 5 MoreMaxim Integrated Products
MAX5200Low-Cost Voltage-Output 16-Bit DACs with Internal Reference in μMAX 1 2 3 4 5 MoreMaxim Integrated Products
MAX544+5V Serial-Input Voltage-Output 14-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
AD55415 V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreAnalog Devices
LTC1650Low Glitch 16-Bit Voltage Output DAC 1 2 3 4 5 MoreLinear Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl