Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5480ACEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5480ACEE
Description  8-Bit Parallel DAC in QSOP-16 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5480ACEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5480ACEE Datasheet HTML 1Page - Maxim Integrated Products MAX5480ACEE Datasheet HTML 2Page - Maxim Integrated Products MAX5480ACEE Datasheet HTML 3Page - Maxim Integrated Products MAX5480ACEE Datasheet HTML 4Page - Maxim Integrated Products MAX5480ACEE Datasheet HTML 5Page - Maxim Integrated Products MAX5480ACEE Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
_______________General Description
The MAX5480 is a CMOS, 8-bit digital-to-analog con-
verter (DAC) that interfaces directly with most micro-
processors. On-chip input latches make the DAC load
cycle interface similar to a RAM write cycle, where CS
and WR are the only control inputs required.
Linearity of ±1/2LSB is guaranteed, and power con-
sumption is less than 500µW. Monotonicity is guaran-
teed over the full operating temperature range.
The MAX5480 can be operated in either voltage-output
or current-output mode. It is available in a small 16-pin
QSOP package.
________________________Applications
Digitally Adjusted Power Supplies
Programmable Gain
Automatic Test Equipment
Portable, Battery-Powered Instruments
VCO Frequency Control
RF Transmit Control in Portable Radios
____________________________Features
o QSOP-16 Package (same footprint as SO-8)
o Single +5V Supply Operation
o VOUT or IOUT Operation
o 8-Bit Parallel Interface
o Guaranteed Monotonic Over Temperature
o Low Power Consumption—100µA max
o ±1/2LSB Linearity Over Temperature
8-Bit Parallel DAC in
QSOP-16 Package
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUT1
RFB
REF
VDD
WR
CS
D0 (LSB)
D1
D2
TOP VIEW
MAX5480
QSOP
OUT2
GND
D5
D7 (MSB)
D6
D4
D3
__________________Pin Configuration
MAX5480
10pF
VOUT
16
14
15
VREF
VDD
R2
1k
R1
2k
D7–D0
CS
OUT1
12
DATA
INPUTS 4–11
13
OUT2
1
2
WR
R1 AND R2 USED ONLY IF GAIN
ADJUSTMENT IS REQUIRED.
REF
RFB
GND
3
VDD
MAX4330
__________Typical Operating Circuit
19-1300; Rev 0; 10/97
PART
MAX5480ACEE
MAX5480BCEE
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-
PACKAGE
16 QSOP
16 QSOP
______________Ordering Information
ERROR
(LSB)
±1/2
±1/2
MAX5480AEEE
MAX5480BEEE
-40°C to +85°C
-40°C to +85°C
16 QSOP
16 QSOP
±1/2
±1/2
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX5480ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX548 MAXIM-MAX548 Datasheet
172Kb / 16P
   2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX548-MAX550 MAXIM-MAX548-MAX550 Datasheet
172Kb / 16P
   2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5481ETE MAXIM-MAX5481ETE Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5481ETE MAXIM-MAX5481ETE Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
More results

Similar Description - MAX5480ACEE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1655 LINER-LTC1655 Datasheet
92Kb / 12P
   16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
logo
Analog Devices
AD8600 AD-AD8600 Datasheet
236Kb / 16P
   16-Channel, 8-Bit Multiplying DAC
REV. 0
AD8600 AD-AD8600_15 Datasheet
132Kb / 16P
   16-Channel, 8-Bit Multiplying DAC
REV. 0
logo
Maxim Integrated Produc...
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
logo
Linear Technology
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
logo
Analog Devices
RQ-16 AD-RQ-16 Datasheet
60Kb / 1P
   16-Lead Shrink Small Outline Package [QSOP] Dimensions shown in inches
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com