Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5462EXT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5462EXT
Description  32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5462EXT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5462EXT Datasheet HTML 1Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 2Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 3Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 4Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 5Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 6Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 7Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 8Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
32-Tap FleaPoT, 2-Wire Digital
Potentiometers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.5V, VH = VDD, VL = 0, TA = -40°C to +85°C. Typical values are at VDD = +2.7V, TA = +25°C, unless
otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
All Other Pins to GND.................................-0.3V to (VDD + 0.3)V
Input and Output Latch-Up Immunity.............................±200mA
Maximum Continuous Current into H, L, and W
MAX5460/MAX5461/MAX5462 (100k
Ω) .......................±0.6mA
MAX5463/MAX5464/MAX5465 (50k
Ω) .........................±1.3mA
MAX5466/MAX5467/MAX5468 (10k
Ω) .........................±1.3mA
Continuous Power Dissipation (TA = +70°C)
5-pin SC70 (derate 3.1mW/°C above TA = +70°C)..........247mW
5-pin SOT23 (derate 7.1mW/°C above TA = +70°C)........571mW
6-pin SC70 (derate 3.1mW/°C above TA = +70°C) ..........245mW
6-pin SOT23 (derate 8.7mW/°C above TA = +70°C).....695.7mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Soldering Temperature (soldering, 10s) ..........................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
Resolution
32
Taps
MAX5460/MAX5461/MAX5462
75
100
125
MAX5463/MAX5464/MAX5465
37.5
50
62.5
End-to-End Resistance
MAX5466/MAX5467/MAX5468
7.5
10
12.5
k
End-to-End Resistance Tempco
TCR
35
ppm/
°C
Ratiometric Resistance Tempco
5
ppm/
°C
Integral Nonlinearity
INL
±0.5
±1
LSB
Differential Nonlinearity
DNL
±1
LSB
Full-Scale Error
±0.1
LSB
Zero-Scale Error
1
LSB
MAX5460–MAX5465
600
1200
Wiper Resistance
RW
MAX5466/MAX5467/MAX5468
160
240
DIGITAL INPUTS
Input High Voltage
VIH
0.7 x VDD
V
Input Low Voltage
VIL
0.3 x VDD
V
TIMING CHARACTERISTICS (Figures 1, 2)
U/D Mode to CS Setup
tCU
25
ns
CS to U/D Step Setup
tCI
50
ns
CS to U/D Step Hold
tIC
25
ns
U/D Step Low Period
tIL
25
ns
U/D Step High Period
tIH
25
ns
Up/Down Toggle Rate (Note 1)
fTOGGLE
1
MHz
100k
Ω variable resistor configuration, CL = 10pF1
Output Settling Time (Note 2)
tSETTLE
100k
Ω potentiometer configuration, CL = 10pF
0.25
µs


Similar Part No. - MAX5462EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5462EXT MAXIM-MAX5462EXT Datasheet
242Kb / 10P
   32-Tap FleaPoT, 2-Wire Digital Potentiometers
Rev 3; 11/05
More results

Similar Description - MAX5462EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5460 MAXIM-MAX5460_05 Datasheet
242Kb / 10P
   32-Tap FleaPoT, 2-Wire Digital Potentiometers
Rev 3; 11/05
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
   32-Tap Digital Potentiometers
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com