Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX547ACQH Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX547ACQH
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX547ACQH Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX547ACQH Datasheet HTML 1Page - Maxim Integrated Products MAX547ACQH Datasheet HTML 2Page - Maxim Integrated Products MAX547ACQH Datasheet HTML 3Page - Maxim Integrated Products MAX547ACQH Datasheet HTML 4Page - Maxim Integrated Products MAX547ACQH Datasheet HTML 5Page - Maxim Integrated Products MAX547ACQH Datasheet HTML 6Page - Maxim Integrated Products MAX547ACQH Datasheet HTML 7Page - Maxim Integrated Products MAX547ACQH Datasheet HTML 8Page - Maxim Integrated Products MAX547ACQH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Octal, 13-Bit Voltage-Output
DAC with Parallel Interface
_______________________________________________________________________________________
3
Note 1: PSRR is tested by changing the respective supply voltage by ±5%.
Note 2: For best performance, REF_ should be greater than AGND_ + 2V and less than VDD - 0.6V. The device operates with
reference inputs outside this range, but performance may degrade. For further information on the reference, see the
Reference and Analog-Ground Inputs section in the Detailed Description.
Note 3: Reference input resistance is code dependent. See
Reference and Analog-Ground Inputs section in the Detailed
Description.
Note 4: Typical settling time with 1000pF capacitive load is 10µs.
Note 5: Guaranteed by design. Not production tested.
Note 6: Guaranteed by supply-rejection test.
TIMING CHARACTERISTICS
(VDD = +5V, VSS = -5V, REF_ = 4.096V, AGND_ = GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
14
44
11
40
TA = TMIN to TMAX
mA
ISS
Negative Supply Current
CONDITIONS
mA
IDD
Positive Supply Current
V
-5.25
-4.75
VSS
Negative Supply Range
V
4.75
5.25
VDD
Positive Supply Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 6)
(Note 6)
CONDITIONS
ns
0
t6
C
S
High to
W
R
High
ns
0
t5
C
S
Low to
W
R
Low
ns
100
t4
C
L
R
Pulse Width Low
ns
50
t3
L
D
Pulse Width Low
ns
50
t2
W
R
Pulse Width Low
ns
50
t1
C
S
Pulse Width Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
50
t7
Data Valid to
W
R
Setup
ns
0
t8
Data Valid to
W
R
Hold
ns
10
t9
Address Valid to
W
R
Setup
ns
0
t10
Address Valid to
W
R
Hold
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = -5V, REF_ = 4.096V, AGND_ = GND = 0V, RL = 10kΩ, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
TA = TMIN to TMAX
POWER SUPPLIES


Similar Part No. - MAX547ACQH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471EZT MAXIM-MAX5471EZT Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471EZT MAXIM-MAX5471EZT Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5471EZT-T MAXIM-MAX5471EZT-T Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
More results

Similar Description - MAX547ACQH

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com