Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2941QML-SP Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2941QML-SP
Description  LM2941QML 1A Low Dropout Adjustable Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2941QML-SP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2941QML-SP_15 Datasheet HTML 5Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 6Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 7Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 8Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 9Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 10Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 11Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 12Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LM2941QML, LM2941QML-SP
www.ti.com
SNVS390B – AUGUST 2009 – REVISED APRIL 2013
Typical Applications
Note: Using 1K
Ω for R1 will ensure that the input bias current error of the adjust pin will be negligible. Do not bypass
R1 or R2. This will lead to instabilities.
* Required if regulator is located far from power supply filter.
** CO must be at least 22μF to maintain stability. May be increased without bound to maintain regulation during
transients. Locate as close as possible to the regulator. This capacitor must be rated over the same operating
temperature range as the regulator and the ESR is critical; see curve.
Figure 18. 5V to 20V Adjustable Regulator
*** To assure shutdown, select Resistor R3 to ensure at least 300
μA of pull-up current when S1 is open. (Assume 2V
at the ON/OFF pin.)
Figure 19. 1A Switch
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2941QML LM2941QML-SP


Similar Part No. - LM2941QML-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2941QML-SP TI1-LM2941QML-SP Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results

Similar Description - LM2941QML-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2941QML TI1-LM2941QML Datasheet
319Kb / 14P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941 TI1-LM2941_16 Datasheet
3Mb / 30P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com