Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5415 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5415
Description  Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5415 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5415 Datasheet HTML 3Page - Maxim Integrated Products MAX5415 Datasheet HTML 4Page - Maxim Integrated Products MAX5415 Datasheet HTML 5Page - Maxim Integrated Products MAX5415 Datasheet HTML 6Page - Maxim Integrated Products MAX5415 Datasheet HTML 7Page - Maxim Integrated Products MAX5415 Datasheet HTML 8Page - Maxim Integrated Products MAX5415 Datasheet HTML 9Page - Maxim Integrated Products MAX5415 Datasheet HTML 10Page - Maxim Integrated Products MAX5415 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Adjustable Voltage Reference
In Figure 7, the MAX5413/MAX5414/MAX5415
are shown with the MAX6160 to make an adjustable
voltage reference. In this circuit, the HX pin of the
MAX5413/MAX5414/MAX5415 is connected to the
OUT pin of the MAX6160, the LX pin of the MAX5413/
MAX5414/MAX5415 is connected to GND, and the WX
pin of the MAX5413/MAX5414/MAX5415 is connected
to the ADJ pin of the MAX6160. The MAX5413/
MAX5414/MAX5415 allow precise setting of the voltage
reference output. A low 5ppm/°C ratiometric tempco
allows a very stable adjustable voltage overtemperature.
Dual, 256-Tap, Low-Drift, Digital Potentiometers
in 14-Pin TSSOP
_______________________________________________________________________________________
9
ADDRESS
DATA WORD
B0 (A0)
B1 (D7)
B2 (D6)
B3 (D5)
B4 (D4)
B5 (D3)
B6 (D2)
B7 (D1)
B8 (D0)
(MSB)
(LSB)
First Bit In
Last Bit In
Figure 4. Serial Data Format
Figure 5. I to V Converter
V0 / IS = R3 (1 + R2/R1) + R2
+5V
R3
R2
V0
MAX4250
HX
LX
WX
MAX5413
MAX5414
MAX5415
Figure 6a. Adjustable Gain Circuit
VCC
VIN
VOUT
MAX5413
MAX5414
MAX5415
HX
WX
LX
Figure 6b. Adjustable Gain Circuit Using 3-Terminal
Potentiometer
VCC
VIN
VOUT
MAX5413
MAX5414
MAX5415
HX
LX
WX


Similar Part No. - MAX5415

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX541 MAXIM-MAX541 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5410EEE MAXIM-MAX5410EEE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5410ETE MAXIM-MAX5410ETE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411 MAXIM-MAX5411 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
More results

Similar Description - MAX5415

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
MAX5403 MAXIM-MAX5403 Datasheet
561Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
Rev 1; 4/01
MAX5400 MAXIM-MAX5400 Datasheet
250Kb / 8P
   256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5436 MAXIM-MAX5436 Datasheet
795Kb / 11P
   짹15V, 128-Tap, Low-Drift Digital Potentiometers
Rev 3; 9/04
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com