Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD4066G-D14-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCD4066G-D14-T
Description  QUAD BILATERAL SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4066G-D14-T Datasheet(HTML) 1 Page - Unisonic Technologies

  UCD4066G-D14-T Datasheet HTML 1Page - Unisonic Technologies UCD4066G-D14-T Datasheet HTML 2Page - Unisonic Technologies UCD4066G-D14-T Datasheet HTML 3Page - Unisonic Technologies UCD4066G-D14-T Datasheet HTML 4Page - Unisonic Technologies UCD4066G-D14-T Datasheet HTML 5Page - Unisonic Technologies UCD4066G-D14-T Datasheet HTML 6Page - Unisonic Technologies UCD4066G-D14-T Datasheet HTML 7Page - Unisonic Technologies UCD4066G-D14-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCD4066
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-739.D
QUAD BILATERAL SWITCH
DESCRIPTION
The UTC UCD4066 is a quad bilateral switch which can be
applied for switching of analog signals and digital signals. When
control input CONT is set to “H” level, the impedance between
input and output of the switch becomes low and when it is set to “L”
level, the impedance becomes high. It has a much lower “ON”
resistance, and “ON” resistance is relatively constant over the
input-signal range.
FEATURES
* 15V Digital or ±7.5V Peak-to-Peak Switching
* 85-Ω Typical On-State Resistance for 15V Operation
* High noise immunity 0.45 VDD (typ.)
* Matched “ON” resistance ∆RON=5Ω (typ.) over 15V signal input
* High degree linearity 0.1% distortion (typ.)
@ fIS=1kHz, VIS=5VP-P, VDD-VSS=5V, RL=10kΩ
* Extremely low “OFF” 0.1nA (typ.)
switch leakage: @ VDD-VSS=10V, TA=25°C
* Extremely high control input impedance 10
12Ω (typ.)
* Frequency response, switch “ON” 40 MHz (typ.)
DIP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCD4066L-D14-T
UCD4066G-D14-T
DIP-14
Tube
(1) T: Tube
(2) D14: DIP-14
(3) L: Lead Free, G: Halogen Free and Lead Free
UCD4066L-D14-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - UCD4066G-D14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4066G-D14-T UTC-UCD4066G-D14-T Datasheet
268Kb / 8P
   QUAD BILATERAL SWITCH
More results

Similar Description - UCD4066G-D14-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com