Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5410EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5410EEE
Description  Dual, Audio, Log Taper Digital Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5410EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5410EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Chip Information
TRANSISTOR COUNT: 12,875
PROCESS: BiCMOS
Dual, Audio, Log Taper Digital Potentiometers
10
______________________________________________________________________________________
MAX5408–
MAX5411
MAX5408–
MAX5411
MAX5408–
MAX541
SDIN
SCLK
CS
DOUT
SDIN
SCLK
CS
DOUT
SDIN
SCLK
CS
DOUT
CS
SCLK
SDIN
MAX5408–
MAX5411
W0A
W1A
L0
L1
H0
H1
VOUT0
VOUT1
VIN0
VIN1
Figure 6. Gain Control
Figure 5. Daisy-Chaining of Serial Interfaces
Ordering Information (continued)
PART
TEMP RANGE
PIN-
PACKAGE
WIPERS PER
RESISTOR
MAX5409ETE
-40
°C to +85°C 16 Thin QFN
2
MAX5410EEE -40
°C to +85°C 16 QSOP
1
MAX5410ETE
-40
°C to +85°C 16 Thin QFN
1
MAX5411EEE -40
°C to +85°C 16 QSOP
2
MAX5411ETE
-40
°C to +85°C 16 Thin QFN
2
Power-On Reset
The power-on reset (POR) feature sets all the wipers to
the maximum attenuation (tap position 31, -62dB) at
power-up. If either VDD or VLOGIC is zero volts, a power-
on reset intiates when one of the supplies is brought
back to the operating voltage.
Mute Function
When mute is enabled, the wipers go to -90dB attenua-
tion. When mute is disabled, the wiper returns to its
position before mute was enabled. All wipers can be
muted simultaneously or independently.
Applications Information
Attenuation Control
Figure 3 shows the application of an attenuation control.
The op amps are connected in a follower configuration
with a fixed gain. The digitally controlled potentiometer
attenuates the input signal.
Stereo Volume Control
Figure 4 shows the application of stereo volume con-
trol using MAX5409/MAX5411. The op amps are con-
nected in a follower configuration with fixed gain. The
digitally controlled potentiometer attenuates the input
signals. The second wiper of each potentiometer con-
trols the signal amplitude at the rear set of speakers.
Daisy-Chaining
Figure 5 shows an application daisy-chaining the
serial-interfaces of the MAX5408–MAX5411. A single-
write command updates multiple devices from a single
digital port in this configuration (see Digital Serial
Interface section).
Gain Control
Figure 6 shows the application of a gain control.
Note: Muting the potentiometer creates unpredictable
behavior at the output of the op amp, and may seriously
degrade the performance of the op amp.


Similar Part No. - MAX5410EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX541 MAXIM-MAX541 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5413-MAX5415 MAXIM-MAX5413-MAX5415 Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5413EUD MAXIM-MAX5413EUD Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
More results

Similar Description - MAX5410EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
MAX5456 MAXIM-MAX5456 Datasheet
462Kb / 20P
   Stereo Audio Taper Potentiometers with Pushbutton Interface
Rev 0; 11/04
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com