Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX544 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX544
Description  5V, Serial-Input, Voltage-Output, 14-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
+5V, Serial-Input, Voltage-Output, 14-Bit DACs
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 5V, VREF = +2.5V, TA = +25°C, unless otherwise noted.)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
-40
-20
0
20
40
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0.35
0.34
0.33
0.32
0.31
0.30
0.29
0.28
0.27
0.26
0.25
0123456
SUPPLY CURRENT
vs. REFERENCE VOLTAGE
REFERENCE VOLTAGE (V)
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-60
-20
20
60
100
140
TEMPERATURE (°C)
ZERO-CODE OFFSET ERROR
vs. TEMPERATURE
0.30
0.20
0.10
0
-0.10
-0.20
-0.30
-60
-20
20
60
100
140
TEMPERATURE (°C)
INTEGRAL NONLINEARITY
vs. TEMPERATURE
+INL
-INL
-0.125
-0.250
0.125
0
0.250
0
5k
10k
15k
20k
INTEGRAL NONLINEARITY
vs. CODE
DAC CODE
0.30
0.20
0.10
0
-0.10
-0.20
-0.30
-60
-20
20
60
100
140
TEMPERATURE (°C)
DIFFERENTIAL NONLINEARITY
vs. TEMPERATURE
+DNL
-DNL
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-60
-20
20
60
100
140
TEMPERATURE (°C)
GAIN ERROR
vs. TEMPERATURE
0.250
0.125
-0.125
0
-0.250
0
5k
10k
15k
20k
DIFFERENTIAL NONLINEARITY
vs. CODE
DAC CODE
200
160
120
80
40
0
0
4k
8k
12k
16k
20k
DAC CODE
REFERENCE CURRENT
vs. CODE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX5141+3V/+5V Serial-Input Voltage-Output 14-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX541+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5441+3V/+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
AD55515 V Serial-Input Voltage-Output 14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
MAX5544Low-Cost +5V Serial-Input Voltage-Output 14-Bit DAC 1 2 3 4 5 MoreMaxim Integrated Products
MAX5130+3V/+5V 13-Bit Serial Voltage-Output DACs with Internal Reference 1 2 3 4 5 MoreMaxim Integrated Products
MAX531+5V Low-Power Voltage-Output Serial 12-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
AD5544Quad Current-Output Serial-Input 16-Bit/14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
MAX5541Low-Cost +5V Serial-Input Voltage-Output 16-Bit DAC 1 2 3 4 5 MoreMaxim Integrated Products
MAX5120+3V/+5V 12-Bit Serial Voltage-Output DACs with Internal Reference 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl