Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX544 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX544
Description  5V, Serial-Input, Voltage-Output, 14-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
+5V, Serial-Input, Voltage-Output, 14-Bit DACs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ± 5%, VREF = +2.5V, AGND = DGND = 0, TA = TMIN to TMAX, unless otherwise noted.)
TIMING CHARACTERISTICS
(VDD = +5V ± 5%, VREF = +2.5V, AGND = DGND = 0, CMOS inputs, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Gain Error tested at VREF = 2.0V, 2.5V, and 3.0V.
Note 2: ROUT tolerance is typically ±20%.
Note 3: Min/max range guaranteed by gain-error test. Operation outside min/max limits will result in degraded performance.
Note 4: Reference input resistance is code dependent, minimum at 8554 hex.
Note 5: Slew-rate value is measured from 0% to 63%.
Note 6: Guaranteed by design. Not production tested.
Code = FFFC hex
VIN = 0
Code = 0000 hex, VREF = 1Vp-p at 100kHz
Code = 0000 hex
Code = FFFC hex
(Note 6)
CONDITIONS
mW
1.5
PD
Power Dissipation
mA
0.3
1.1
IDD
Positive Supply Current
V
4.75
5.25
VDD
Positive Supply Range
V
0.40
VH
Hysteresis Voltage
pF
10
CIN
Input Capacitance
mVp-p
1
MHz
1
BW
Reference -3dB Bandwidth
µA
±1
IIN
Input Current
V
0.8
VIL
Input Low Voltage
V
2.4
VIH
Input High Voltage
Reference Feedthrough
dB
83
SNR
Signal-to-Noise Ratio
75
pF
120
CIN
Reference Input Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX545 (Note 6)
MAX545
(Note 6)
CONDITIONS
µs
20
VDD High to CS Low
(power-up delay)
ns
45
tCL
SCLK Pulse Width Low
ns
45
tCH
MHz
10
fSCLK
SCLK Frequency
SCLK Pulse Width High
ns
50
tLDACS
CS High to LDAC Low Setup
ns
50
tLDAC
LDAC Pulse Width
ns
0
tDH
DIN to SCLK High Hold
ns
40
tDS
DIN to SCLK High Setup
ns
45
tCSS0
CS Low to SCLK High Setup
ns
45
tCSS1
CS High to SCLK High Setup
ns
30
tCSH0
SCLK High to CS Low Hold
ns
45
tCSH1
SCLK High to CS High Hold
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DYNAMIC PERFORMANCE—REFERENCE SECTION
STATIC PERFORMANCE—DIGITAL INPUTS
POWER SUPPLY




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX5141+3V/+5V Serial-Input Voltage-Output 14-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX541+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5441+3V/+5V Serial-Input Voltage-Output 16-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
AD55515 V Serial-Input Voltage-Output 14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
MAX5544Low-Cost +5V Serial-Input Voltage-Output 14-Bit DAC 1 2 3 4 5 MoreMaxim Integrated Products
MAX5130+3V/+5V 13-Bit Serial Voltage-Output DACs with Internal Reference 1 2 3 4 5 MoreMaxim Integrated Products
MAX531+5V Low-Power Voltage-Output Serial 12-Bit DACs 1 2 3 4 5 MoreMaxim Integrated Products
AD5544Quad Current-Output Serial-Input 16-Bit/14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
MAX5541Low-Cost +5V Serial-Input Voltage-Output 16-Bit DAC 1 2 3 4 5 MoreMaxim Integrated Products
MAX5120+3V/+5V 12-Bit Serial Voltage-Output DACs with Internal Reference 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl