Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5385 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5385
Description  Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5385 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5385 Datasheet HTML 1Page - Maxim Integrated Products MAX5385 Datasheet HTML 2Page - Maxim Integrated Products MAX5385 Datasheet HTML 3Page - Maxim Integrated Products MAX5385 Datasheet HTML 4Page - Maxim Integrated Products MAX5385 Datasheet HTML 5Page - Maxim Integrated Products MAX5385 Datasheet HTML 6Page - Maxim Integrated Products MAX5385 Datasheet HTML 7Page - Maxim Integrated Products MAX5385 Datasheet HTML 8Page - Maxim Integrated Products MAX5385 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX5383/MAX5384/MAX5385 low-cost, 8-bit digital-
to-analog converters (DACs) in miniature 6-pin SOT23
packages have a simple 3-wire, SPI™/QSPI™/
MICROWIRE™-compatible serial interface that operates
up to 10MHz. The MAX5383 has an internal +2V refer-
ence and operates from a +2.7V to +3.6V supply. The
MAX5384 has an internal +4V reference and operates
from a +4.5V to +5.5V supply. The MAX5385 operates
over the full +2.7V to +5.5V supply range and has an
internal reference equal to 0.9 VDD.
The MAX5383/MAX5384/MAX5385 require an extremely
low supply current of only 150µA (typ) and provide a
buffered voltage output. These devices power up at zero
code and remain there until a new code is written to the
DAC registers. This provides additional safety for appli-
cations that drive valves or other transducers that need
to be off on power-up. The MAX5383/MAX5384/
MAX5385 include a 1µA, low-power shutdown mode that
features software-selectable output loads of 1k
Ω, 100kΩ,
or 1M
Ω to ground.
Applications
Automatic Tuning (VCO)
Power Amplifier Bias Control
Programmable Threshold Levels
Automatic Gain Control
Automatic Offset Adjustment
Features
o 8-Bit Resolution in a Miniature 6-Pin SOT23
Package
o Wide +2.7V to +5.5V Supply Range (MAX5385)
o <1µA Shutdown Mode
o Software-Selectable Output Resistance During
Shutdown
o Buffered Output Drives Resistive Loads
o Low-Glitch Power-On Reset to Zero DAC Output
o 3-Wire SPI/QSPI/MICROWIRE-Compatible Interface
o < ±5% Full-Scale Error (MAX5385)
o < ±1LSB max INL/DNL
o Low 230µA (max) Supply Current
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire
Serial Interface in SOT23
________________________________________________________________ Maxim Integrated Products
1
GND
DIN
VDD
16
5
SCLK
OUT
MAX5383
MAX5384
MAX5385
SOT23
TOP VIEW
2
34
CS
Pin Configuration
GND
MC68XXXX
PCS0
VDD
OUT
SCK
MOSI
SCLK
DIN
MAX5385
+2.7V TO +5.5V
CS
Typical Operating Circuit
19-1718; Rev 2; 1/02
Ordering Information
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
PART
TEMP RANGE
PIN-
PACKAGE
SOT
TOP MARK
MAX5383EUT-T -40
°C to +85°C 6 SOT23
AADF
MAX5383EZT-T
-40
°C to +85°C 6 SOT23-Thin
AAAH
MAX5384EUT-T -40
°C to +85°C 6 SOT23
AADH
MAX5384EZT-T
-40
°C to +85°C 6 SOT23-Thin
AAAI
MAX5385EUT-T -40
°C to +85°C 6 SOT23
AADJ
MAX5385EZT-T
-40
°C to +85°C 6 SOT23-Thin
AAAJ
Selector Guide
PART
INTERNAL REFERENCE
MAX5383
2V
MAX5384
4V
MAX5385
0.9
VDD
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX5385

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5385 MAXIM-MAX5385 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5385 MAXIM-MAX5385 Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5385EUT+T MAXIM-MAX5385EUT+T Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5385EUTT MAXIM-MAX5385EUTT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5385EZT+T MAXIM-MAX5385EZT+T Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
More results

Similar Description - MAX5385

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5380 MAXIM-MAX5380 Datasheet
325Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Rev 1; 1/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX5360 MAXIM-MAX5360_11 Datasheet
214Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 2; 3/11
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com