Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX541ACPA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX541ACPA
Description  5V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX541ACPA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX541ACPA Datasheet HTML 4Page - Maxim Integrated Products MAX541ACPA Datasheet HTML 5Page - Maxim Integrated Products MAX541ACPA Datasheet HTML 6Page - Maxim Integrated Products MAX541ACPA Datasheet HTML 7Page - Maxim Integrated Products MAX541ACPA Datasheet HTML 8Page - Maxim Integrated Products MAX541ACPA Datasheet HTML 9Page - Maxim Integrated Products MAX541ACPA Datasheet HTML 10Page - Maxim Integrated Products MAX541ACPA Datasheet HTML 11Page - Maxim Integrated Products MAX541ACPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 16-Bit DACs
8
_______________________________________________________________________________________
Digital Interface
The MAX541/MAX542’s digital interface is a standard
3-wire connection compatible with SPI/QSPI/
MICROWIRE interfaces. The chip-select input (CS)
frames the serial data loading at the data-input pin
(DIN). Immediately following CS’s high-to-low transition,
the data is shifted synchronously and latched into the
input register on the rising edge of the serial clock input
(SCLK). After 16 data bits have been loaded into the
serial input register, it transfers its contents to the DAC
latch on CS’s low-to-high transition (Figure 3a). Note
that if CS is not kept low during the entire 16 SCLK
cycles, data will be corrupted. In this case, reload the
DAC latch with a new 16-bit word.
Alternatively, for the MAX542, LDAC allows the DAC
latch to update asynchronously by pulling LDAC low
after CS goes high (Figure 3b). Hold LDAC high during
the data-loading sequence.
External Reference
The MAX541/MAX542 operate with external voltage ref-
erences from 2V to 3V. The reference voltage deter-
mines the DAC’s full-scale output voltage. Kelvin
connections are provided with the MAX542 for optimum
performance.
Power-On Reset
The MAX541/MAX542 have a power-on reset circuit to
set the DAC’s output to 0V in unipolar mode when VDD
is first applied. This ensures that unwanted DAC output
voltages will not occur immediately following a system
power-up, such as after a loss of power. In bipolar
mode, the DAC output is set to -VREF.
;
;
;;
CS
SCLK
DIN
MSB
LSB
D15
D8
D7 D6 D5 D4 D3 D2
D1 D0
DAC
UPDATED
D14 D13 D12 D11 D10 D9
;
;; ;;;
CS
SCLK
DIN
LDAC
MSB
LSB
D15 D14 D13 D12 D11 D10 D9 D8
D7 D6 D5 D4 D3 D2 D1
D0
DAC
UPDATED
Figure 3a. MAX541/MAX542 3-Wire Interface Timing Diagram (LDAC = DGND for MAX542)
Figure 3b. MAX542 4-Wire Interface Timing Diagram


Similar Part No. - MAX541ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5410EEE MAXIM-MAX5410EEE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5410ETE MAXIM-MAX5410ETE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411 MAXIM-MAX5411 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411EEE MAXIM-MAX5411EEE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
More results

Similar Description - MAX541ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com