Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5353BCUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5353BCUA
Description  Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5353BCUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5353BCUA Datasheet HTML 6Page - Maxim Integrated Products MAX5353BCUA Datasheet HTML 7Page - Maxim Integrated Products MAX5353BCUA Datasheet HTML 8Page - Maxim Integrated Products MAX5353BCUA Datasheet HTML 9Page - Maxim Integrated Products MAX5353BCUA Datasheet HTML 10Page - Maxim Integrated Products MAX5353BCUA Datasheet HTML 11Page - Maxim Integrated Products MAX5353BCUA Datasheet HTML 12Page - Maxim Integrated Products MAX5353BCUA Datasheet HTML 13Page - Maxim Integrated Products MAX5353BCUA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Low-Power, 12-Bit Voltage-Output DACs
with Serial Interface
10
______________________________________________________________________________________
to recall the output state prior to entering shutdown.
Exit shutdown mode by either recalling the previous
configuration or by updating the DAC with new data.
When powering up the device or bringing it out of shut-
down, allow 20µs for the output to stabilize.
Serial-Interface Configurations
The MAX5352/MAX5353’s 3-wire serial interface is
compatible with both Microwire™ (Figure 2) and
SPI™/QSPI™ (Figure 3). The serial input word consists
of three control bits followed by 12+1 data bits (MSB
first), as shown in Figure 4. The 3-bit control code
determines the MAX5352/MAX5353’s response outlined
in Table 1.
The MAX5352/MAX5353’s digital inputs are double
buffered. Depending on the command issued through
the serial interface, the input register can be loaded
without affecting the DAC register, the DAC register
can be loaded directly, or the DAC register can be
updated from the input register (Table 1).
The +3.3V MAX5353 can also directly interface with
+5V logic.
Serial-Interface Description
The MAX5352/MAX5353 require 16 bits of serial data.
Table 1 lists the serial-interface programming com-
mands. For certain commands, the 12+1 data bits are
“don’t cares.” Data is sent MSB first and can be sent in
two 8-bit packets or one 16-bit word (CS must remain
low until 16 bits are transferred). The serial data is com-
posed of three control bits (C2, C1, C0), followed by
the 12+1 data bits D11...D0, S0 (Figure 4). Set the
sub-bit (S0) to zero. The 3-bit control code determines:
• the register to be updated,
• the configuration when exiting shutdown.
Figure 5 shows the serial-interface timing requirements.
The chip-select pin (CS) must be low to enable the
DAC’s serial interface. When CS is high, the interface
control circuitry is disabled. CS must go low at least
tCSS before the rising serial clock (SCLK) edge to prop-
erly clock in the first bit. When CS is low, data is
clocked into the internal shift register via the serial-data
input pin (DIN) on SCLK’s rising edge. The maximum
guaranteed clock frequency is 10MHz. Data is latched
into the MAX5352/MAX5353 input/DAC register on CS’s
rising edge.
SCLK
DIN
CS
SK
SO
I/O
MAX5352
MAX5353
MICROWIRE
PORT
Figure 2. Connections for Microwire
DIN
SCLK
CS
MOSI
SCK
I/O
SPI/QSPI
PORT
SS
+5V
CPOL = 0, CPHA = 0
MAX5352
MAX5353
Figure 3. Connections for SPI/QSPI
Figure 4. Serial-Data Format
3 Control
Bits
12+1 Data Bits
D11 .....................................D0, S0
C2
C1
C0
Data Bits
MSB ................................LSB Sub-Bit
Control
Bits
16 Bits of Serial Data
MSB ..................................................................................LSB


Similar Part No. - MAX5353BCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACPA MAXIM-MAX5351ACPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACUA MAXIM-MAX5351ACUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEPA MAXIM-MAX5351AEPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEUA MAXIM-MAX5351AEUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
More results

Similar Description - MAX5353BCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com