Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78DXXAG-TM3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78DXXAG-TM3-T
Description  3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXAG-TM3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  78DXXAG-TM3-T Datasheet HTML 1Page - Unisonic Technologies 78DXXAG-TM3-T Datasheet HTML 2Page - Unisonic Technologies 78DXXAG-TM3-T Datasheet HTML 3Page - Unisonic Technologies 78DXXAG-TM3-T Datasheet HTML 4Page - Unisonic Technologies 78DXXAG-TM3-T Datasheet HTML 5Page - Unisonic Technologies 78DXXAG-TM3-T Datasheet HTML 6Page - Unisonic Technologies 78DXXAG-TM3-T Datasheet HTML 7Page - Unisonic Technologies 78DXXAG-TM3-T Datasheet HTML 8Page - Unisonic Technologies 78DXXAG-TM3-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
78DXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R101-010.R
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
35
V
Output Current
IOUT
1
A
Power Dissipation (TC=25°C)
SOT-223
PD
8.3
W
TO-251/TO-252
TO-252-3
10
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
The device could be damaged beyond Absolute maximum ratings.
2. The maximum steady state usable output current are dependent on input voltage, heat sinking, lead
length of the package and copper pattern of PCB. The data are showed as electrical characteristics table
represents pulse test conditions with junction temperatures specified at the initiation of test.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-223
θJA
150
°C/W
TO-251/TO-252
TO-252-3
112
Junction to Case
SOT-223
θJC
15
°C/W
TO-251/TO-252
TO-252-3
12.5
ELECTRICAL CHARACTERISTICS
(TJ=25C, CI =0.33uF, CO=0.1uF, PD≤15W, unless otherwise specified)
For 78D05A
(VIN =10V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Output Voltage
VOUT
IOUT =5mA~1.0A
4.80
5.0
5.20
V
VIN =7.5~20V, IOUT =5mA~1.0A
4.75
5.25
V
Load Regulation
VOUT
IOUT =5mA~1.0A
50
mV
IOUT =0.25A~0.75A
25
mV
Line Regulation
VOUT
VIN =7~25V
50
mV
VIN =7.5~20V, IOUT =1.0A
50
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =7.5~20V
1.0
mA
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
40
V
Temperature coefficient of VOUT
VOUT/TIOUT =5mA
-0.6
mV/
C
Ripple Rejection
RR
VIN =8~18V,f=120Hz
62
80
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V


Similar Part No. - 78DXXAG-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXAG-TM3-T UTC-78DXXAG-TM3-T Datasheet
358Kb / 10P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78DXXAG-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXA UTC-78DXXA_09 Datasheet
205Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA_1109 UTC-78DXXA_1109 Datasheet
200Kb / 8P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA_V01 Datasheet
358Kb / 10P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS78MXX AMS-AMS78MXX Datasheet
537Kb / 8P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78DXXA ETL-78DXXA Datasheet
348Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXXA UTC-78DXXA_11 Datasheet
213Kb / 8P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com