Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX521 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX521
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX521 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX521 Datasheet HTML 1Page - Maxim Integrated Products MAX521 Datasheet HTML 2Page - Maxim Integrated Products MAX521 Datasheet HTML 3Page - Maxim Integrated Products MAX521 Datasheet HTML 4Page - Maxim Integrated Products MAX521 Datasheet HTML 5Page - Maxim Integrated Products MAX521 Datasheet HTML 6Page - Maxim Integrated Products MAX521 Datasheet HTML 7Page - Maxim Integrated Products MAX521 Datasheet HTML 8Page - Maxim Integrated Products MAX521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 5V ±10%, VREF_ = 4V, RL = ∞ (MAX520), RL = 10kΩ (MAX521), CL = 0pF (MAX520), CL = 100pF (MAX521), TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to DGND ...........................................................-0.3V to +6V
VDD to AGND............................................................-0.3V to +6V
OUT_ ..........................................................-0.3V to (VDD + 0.3V)
REF_ ...........................................................-0.3V to (VDD + 0.3V)
AD0, AD1, AD2...........................................-0.3V to (VDD + 0.3V)
SCL, SDA to DGND ..................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)....842mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)....889mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) ......762mW
24-Pin Wide SO (derate 11.76mW/°C above +70°C) ....941mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
24-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C)....800mW
20-Pin CERDIP (derate 11.11mW/°C above +70°C)....889mW
Operating Temperature Ranges
MAX520_C_ _/MAX521_C_ _ ..............................0°C to +70°C
MAX520_E_ _/MAX521_E_ _ ...........................-40°C to +85°C
MAX520_MJE/MAX521BMJP ........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
Bits
8
Resolution
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
±1.5
±1
18
Guaranteed monotonic
8
LSB
±1.0
DNL
LSB
±2
TUE
Total Unadjusted Error
Differential Nonlinearity
Code = 00 hex
Code = 00 hex
µV/°C
±10
mV
Code = 00 hex
±1
Zero-Code-Error Supply Rejection
Zero-Code-Error Temperature Coefficient
Code = FF hex
mV
20
20
Full-Scale Error
8
mV
20
ZCE
20
Zero-Code Error
Code = FF hex, VDD = 5V ±10%
µV/°C
±10
mV
±1
Full-Scale-Error Supply Rejection
Full-Scale-Error Temperature Coefficient
MAX520_
MAX520_
MAX521B
MAX521A
MAX521_C
MAX521_E
MAX521BM
MAX520_
18
MAX521_C
MAX521_E
MAX521BM
STATIC ACCURACY


Similar Part No. - MAX521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5214 MAXIM-MAX5214 Datasheet
3Mb / 16P
   14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5214GUA MAXIM-MAX5214GUA Datasheet
3Mb / 16P
   14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5215GUA MAXIM-MAX5215GUA Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
More results

Similar Description - MAX521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com