Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5404EUB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5404EUB
Description  Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5404EUB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5404EUB Datasheet HTML 2Page - Maxim Integrated Products MAX5404EUB Datasheet HTML 3Page - Maxim Integrated Products MAX5404EUB Datasheet HTML 4Page - Maxim Integrated Products MAX5404EUB Datasheet HTML 5Page - Maxim Integrated Products MAX5404EUB Datasheet HTML 6Page - Maxim Integrated Products MAX5404EUB Datasheet HTML 7Page - Maxim Integrated Products MAX5404EUB Datasheet HTML 8Page - Maxim Integrated Products MAX5404EUB Datasheet HTML 9Page - Maxim Integrated Products MAX5404EUB Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Detailed Description
Each potentiometer consists of 255 fixed resistors in
series between pins HB and LB for the 3-terminal
potentiometer and between WA and LA for the 2-termi-
nal variable resistor (Figure 1). The potentiometer wiper
(pin WX) can be programmed to access any one of the
256 different tap points on the resistor string. The
MAX5403/MAX5404/MAX5405 require nine bits to pro-
gram the wiper position. The 1st bit is an address code,
allowing one or the other potentiometers to be selected
for programming. The potentiometers are programmed
independently of each other.
The MAX5403/MAX5404/MAX5405 use a 3-wire serial
data interface to control the wiper tap position. This
write-only interface contains three inputs: Chip Select
(CS), Data In (DIN), and Data Clock (SCLK). When CS
is taken low, data from the DIN pin is synchronously
loaded into the serial shift register on each rising edge
Dual 256-Tap, Low-Drift,
Digital Potentiometers in 10-µMAX
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
GND
Ground
2LB
Low Terminal of Resistor B
3HB
High Terminal of Resistor B
4WB
Wiper Terminal of Resistor B
5
CS
SPI Chip Select
6
DIN
SPI Serial Data Input
7
SCLK
SPI Clock Input
8VDD
Power Supply, +2.7V to +5.5V. Connect a 0.1
µF capacitor to GND.
9WA
Wiper Terminal of Resistor A
10
LA
Low Terminal of Resistor A
VDD
GND
DIN
SCLK
9-BIT
SHIFT
REGISTER
R
8-BIT
LATCH
R
8-BIT
LATCH
R
SR
DECODE
CS
8
8
8
256
256
WA
LA
LB
HB
WB
POR
DECODE
DECODE
MAX5403
MAX5404
MAX5405
Figure 1. MAX5403/MAX5404/MAX5405 Functional Diagram: 2-Terminal Variable Resistor and 3-Terminal Potentiometers in 10-µMAX
Configuration


Similar Part No. - MAX5404EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5404EUB MAXIM-MAX5404EUB Datasheet
442Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
More results

Similar Description - MAX5404EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5400 MAXIM-MAX5400 Datasheet
250Kb / 8P
   256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5402 MAXIM-MAX5402 Datasheet
208Kb / 9P
   256-Tap, 關PoT, Low-Drift, Digital Potentiometer
Rev 0; 1/01
MAX5436 MAXIM-MAX5436 Datasheet
795Kb / 11P
   짹15V, 128-Tap, Low-Drift Digital Potentiometers
Rev 3; 9/04
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com