Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5380NEUK Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5380NEUK
Description  Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5380NEUK Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5380NEUK Datasheet HTML 4Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 5Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 6Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 7Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 8Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 9Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 10Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 11Page - Maxim Integrated Products MAX5380NEUK Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
are supported. RESTART protocol is supported, but an
immediate STOP condition is necessary to update the
DAC. The 8th bit of the address byte, typically used to
indicate a read or write protocol, is used in the MAX5380/
MAX5381/MAX5382 to enter or exit shutdown mode.
When MAX5380/MAX5381/MAX5382 are addressed in
I2C read mode, they enter shutdown mode.
Applications Information
Digital Inputs and Interface Logic
The serial 2-wire interface has logic levels defined as
VIL = 0.3 x VDD and VIH = 0.7 x VDD. All inputs include
Schmitt trigger buffers to accept slow-transition inter-
faces. This means that optocouplers can interface
directly to the MAX5380/MAX5381/MAX5382 without
additional external logic. The digital inputs are compati-
ble with CMOS logic levels and must not be driven with
voltages higher than VDD.
Power-Supply Bypassing and Layout
Careful printed circuit board layout is important for best
system performance. To reduce crosstalk and noise
injection, keep analog and digital signals separate.
Ensure that the ground return from GND to the supply
ground is short and low impedance; a ground plane is
recommended. Bypass VDD with a 0.1µF capacitor to
ground as close as possible to the device. If the supply
is excessively noisy, connect a 10
Ω resistor in series
with the supply and VDD and add additional capaci-
tance.
Low-Cost, Low-Power, 8-Bit DACs with
2-Wire Serial Interface in SOT23
______________________________________________________________________________________
11
µC
SDA SCL
VDD
OFFSET ADJUSTMENT
THRESHOLD ADJUSTMENT
GAIN ADJUSTMENT
SCL
SDA
VDD
OUT
MAX5380L
2V REFERENCE
SCL
SDA
VDD
OUT
MAX5381M
4V REFERENCE
SCL
SDA
VDD
OUT
MAX5382N
VDD REFERENCE
Figure 7. Typical I2C Application
TRANSISTOR COUNT: 2910
Chip Information


Similar Part No. - MAX5380NEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX538 MAXIM-MAX538 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5383 MAXIM-MAX5383 Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383EUT+T MAXIM-MAX5383EUT+T Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383EUT-T MAXIM-MAX5383EUT-T Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
More results

Similar Description - MAX5380NEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5360 MAXIM-MAX5360_11 Datasheet
214Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 2; 3/11
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com