Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5353BCPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5353BCPA
Description  Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5353BCPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5353BCPA Datasheet HTML 1Page - Maxim Integrated Products MAX5353BCPA Datasheet HTML 2Page - Maxim Integrated Products MAX5353BCPA Datasheet HTML 3Page - Maxim Integrated Products MAX5353BCPA Datasheet HTML 4Page - Maxim Integrated Products MAX5353BCPA Datasheet HTML 5Page - Maxim Integrated Products MAX5353BCPA Datasheet HTML 6Page - Maxim Integrated Products MAX5353BCPA Datasheet HTML 7Page - Maxim Integrated Products MAX5353BCPA Datasheet HTML 8Page - Maxim Integrated Products MAX5353BCPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Low-Power, 12-Bit Voltage-Output DACs
with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS: MAX5352 (continued)
(VDD = +5V ±10%, REF = 2.5V, GND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C. Output buffer connected in unity-gain configuration (Figure 8).)
(Note 3)
CS = VDD, DIN = 100kHz
Rail-to-rail (Note 2)
To ±1/2LSB, VSTEP = 2.5V
CONDITIONS
mA
0.28
0.4
IDD
Supply Current
V
4.5
5.5
VDD
Supply Voltage
nV-s
5
Digital Feedthrough
µs
20
Start-Up Time
µA
0.001
±0.1
Current into FB
V
0 to VDD
Output Voltage Swing
µs
14
Output Settling Time
V/µs
0.6
SR
Voltage Output Slew Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 3)
µA
4
20
Supply Current in Shutdown
µA
0.001
±0.5
Reference Current in Shutdown
ns
40
tCH
SCLK Pulse Width High
ns
100
tCP
SCLK Clock Period
ns
40
tCSS
CS Fall to SCLK Rise Setup Time
ns
40
tDS
DIN Setup Time
ns
0
tCSH
SCLK Rise to CS Rise Hold Time
ns
40
tCL
SCLK Pulse Width Low
ns
40
tCS1
CS Rise to SCLK Rise Hold Time
ns
100
tCSW
CS Pulse Width High
ns
40
tCS0
SCLK Rise to CS Fall Delay
ns
0
tDH
DIN Hold Time
Note 1: Guaranteed from code 11 to code 4095 in unity-gain configuration.
Note 2: Accuracy is better than 1LSB for VOUT = 8mV to VDD - 100mV, guaranteed by a power-supply rejection test at the
end points.
Note 3: RL = ∞, digital inputs at GND or VDD.
DIGITAL INPUTS
DYNAMIC PERFORMANCE
POWER SUPPLIES
TIMING CHARACTERISTICS (Figure 6)


Similar Part No. - MAX5353BCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACPA MAXIM-MAX5351ACPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACUA MAXIM-MAX5351ACUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEPA MAXIM-MAX5351AEPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEUA MAXIM-MAX5351AEUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
More results

Similar Description - MAX5353BCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com