Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5403EUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5403EUB
Description  Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5403EUB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5403EUB Datasheet HTML 2Page - Maxim Integrated Products MAX5403EUB Datasheet HTML 3Page - Maxim Integrated Products MAX5403EUB Datasheet HTML 4Page - Maxim Integrated Products MAX5403EUB Datasheet HTML 5Page - Maxim Integrated Products MAX5403EUB Datasheet HTML 6Page - Maxim Integrated Products MAX5403EUB Datasheet HTML 7Page - Maxim Integrated Products MAX5403EUB Datasheet HTML 8Page - Maxim Integrated Products MAX5403EUB Datasheet HTML 9Page - Maxim Integrated Products MAX5403EUB Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
10
0.0001
0
1.0
0.5
2.0
3.5
5.0
4.5
SUPPLY CURRENT
vs. LOGIC INPUT VOLTAGE
0.001
0.01
0.1
1
INPUT LOGIC VOLTAGE (V)
1.5
2.5
4.0
3.0
VDD = +3V
VDD = +5V
0
0.2
0.6
0.4
0.8
1.0
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = +3V
VDD = +5V
-0.25
-0.15
-0.20
0
-0.05
-0.10
0.15
0.10
0.05
0.20
-40
0
20
-20
40
60
80
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100k
100k
10k
50k
10k
50k
200ns/div
TAP-TO-TAP SWITCHING TRANSIENT
(CODE 127 TO 128)
VW-L
10mV/div
MAX5403 toc22
CS
5V/div
Dual 256-Tap, Low-Drift,
Digital Potentiometers in 10-µMAX
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5403EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5403EUB MAXIM-MAX5403EUB Datasheet
442Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
More results

Similar Description - MAX5403EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
   Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
   Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5400 MAXIM-MAX5400 Datasheet
250Kb / 8P
   256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5402 MAXIM-MAX5402 Datasheet
208Kb / 9P
   256-Tap, 關PoT, Low-Drift, Digital Potentiometer
Rev 0; 1/01
MAX5436 MAXIM-MAX5436 Datasheet
795Kb / 11P
   짹15V, 128-Tap, Low-Drift Digital Potentiometers
Rev 3; 9/04
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com