Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5380MEUK Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5380MEUK
Description  Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5380MEUK Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5380MEUK Datasheet HTML 4Page - Maxim Integrated Products MAX5380MEUK Datasheet HTML 5Page - Maxim Integrated Products MAX5380MEUK Datasheet HTML 6Page - Maxim Integrated Products MAX5380MEUK Datasheet HTML 7Page - Maxim Integrated Products MAX5380MEUK Datasheet HTML 8Page - Maxim Integrated Products MAX5380MEUK Datasheet HTML 9Page - Maxim Integrated Products MAX5380MEUK Datasheet HTML 10Page - Maxim Integrated Products MAX5380MEUK Datasheet HTML 11Page - Maxim Integrated Products MAX5380MEUK Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Cost, Low-Power, 8-Bit DACs with
2-Wire Serial Interface in SOT23
_______________________________________________________________________________________
9
Power-On Reset
The MAX5380/MAX5381/MAX5382 have a power-on
reset circuit to set the DAC’s output to 0 when VDD is
first applied or when VDD dips below 1.7V (typ). This
ensures that unwanted DAC output voltages will not
occur immediately following a system startup, such as
after a loss of power. The output glitch at startup is typi-
cally less than 50mV.
Shutdown Mode
The MAX5380/MAX5381/MAX5382 include a software-
controlled shutdown mode that reduces the supply cur-
rent to <1µA. All internal circuitry is disabled, and an
internal 10k
Ω resistor is placed from OUT to GND to
ensure 0V at OUT while in shutdown. The device enters
shutdown in less than 5µs and exits shutdown in less
than 50µs.
Digital Section
Serial Interface
The MAX5380/MAX5381/MAX5382 use a simple 2-wire
serial interface requiring only two I/O lines (2-wire bus)
of a standard microprocessor (µP) port. Figure 3 shows
the timing diagram for signals on the 2-wire bus.
The two bus lines (SDA and SCL) must be high when
the bus is not in use. The MAX5380/MAX5381/
MAX5382 are receive-only devices (slaves) and must
be controlled by a bus master device. Figure 4 shows a
typical application where up to four devices can be
connected to the bus, provided they have different
address settings. External pull-up resistors are not nec-
essary on these lines (when driven by push-pull dri-
vers), though these DACs can be used in applications
where pull-up resistors are required (such as in I2C
systems) to maintain compatibility with existing circuit-
ry. The serial interface operates at SCL rates up to
400kHz. The SDA state is allowed to change only while
SCL is low, with the exception of START and STOP con-
ditions as shown in Figure 5. Each transmission con-
sists of a START condition sent by the bus master
SCL
SDA
tLOW
tHIGH
tF
tR
tHD: STA
tHD: DAT
tHD: STA
tSU: DAT
tSU: STA
tBUF
tSU: STO
START CONDITION
STOP CONDITION
REPEATED START CONDITION
START CONDITION
Figure 3. 2-Wire Serial Interface Timing Diagram
µC
SDA
SCL
RS*
VDD
OFFSET ADJUSTMENT
THRESHOLD ADJUSTMENT
GAIN ADJUSTMENT
*RS IS OPTIONAL.
SCL
SDA
VDD
OUT
MAX5380M
2V REFERENCE
SCL
SDA
VDD
OUT
MAX5381N
4V REFERENCE
SCL
SDA
VDD
OUT
MAX5382P
VDD REFERENCE
Figure 4. Typical Application Circuit


Similar Part No. - MAX5380MEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX538 MAXIM-MAX538 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5383 MAXIM-MAX5383 Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383EUT+T MAXIM-MAX5383EUT+T Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383EUT-T MAXIM-MAX5383EUT-T Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
More results

Similar Description - MAX5380MEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5360 MAXIM-MAX5360_11 Datasheet
214Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 2; 3/11
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com