Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2640F128RGZ Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2640F128RGZ
Description  CC2640 SimpleLink Bluetooth Smart Wireless MCU
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640F128RGZ Datasheet(HTML) 2 Page - Texas Instruments

  CC2640F128RGZ Datasheet HTML 1Page - Texas Instruments CC2640F128RGZ Datasheet HTML 2Page - Texas Instruments CC2640F128RGZ Datasheet HTML 3Page - Texas Instruments CC2640F128RGZ Datasheet HTML 4Page - Texas Instruments CC2640F128RGZ Datasheet HTML 5Page - Texas Instruments CC2640F128RGZ Datasheet HTML 6Page - Texas Instruments CC2640F128RGZ Datasheet HTML 7Page - Texas Instruments CC2640F128RGZ Datasheet HTML 8Page - Texas Instruments CC2640F128RGZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
CC2640
SWRS176 – FEBRUARY 2015
www.ti.com
1.2
Applications
Home and Building Automation
Health and Medical
Connected Appliances
Thermometers
Lighting
SpO2
Locks
Blood Glucose and Pressure Meters
Gateways
Weight-scales
Security Systems
Vitals Monitoring
Hearing Aids
Industrial
Logistics
Sports and Fitness
Production and Manufacturing
Activity Monitors and Fitness Trackers
Automation
Heart Rate Monitors
Asset Tracking and Management
Running Sensors
Remote Display
Biking Sensors
Cable Replacement
Sports Watches
HMI
Gym Equipment
Access Control
Team Sports Equipment
Retail
HID
Beacons
Remote Controls
Advertising
Keyboards and Mice
ESL / Price Tags
Gaming
Point of Sales / Payment Systems
Accessories
Toys
Trackers
Luggage-tags
Wearables
1.3
Description
The CC2640 is a wireless MCU targeting Bluetooth Smart applications.
The device is a member of the CC26xx family of cost-effective, ultra-low power, 2.4-GHz RF devices. Very
low active RF and MCU current, and low-power mode current consumption provides excellent battery
lifetime and allows operation on small coin cell batteries and in energy-harvesting applications.
The CC2640 contains a 32-bit ARM Cortex-M3 running at 48-MHz as the main processor and a rich
peripheral feature set, including a unique ultra-low power sensor controller, ideal for interfacing external
sensors and/or collecting analog and digital data autonomously while the rest of the system is in sleep
mode.
This makes the CC2640 ideal for a wide range of applications where long battery lifetime, small form
factor, and ease of use is important.
The Bluetooth Low Energy controller is embedded into ROM and run partly on an ARM Cortex®-M0
processor. This architecture improves overall system performance and power consumption and frees up
flash memory for the application.
The Bluetooth Smart stack is available free of charge from www.ti.com.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC2640F128RGZ
RGZ (QFN48)
7.00 mm × 7.00 mm
CC2640F128RHB
RHB (QFN32)
5.00 mm × 5.00 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
2
Device Overview
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2640


Similar Part No. - CC2640F128RGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
More results

Similar Description - CC2640F128RGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
[Old version datasheet]   SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2540T TI1-CC2540T Datasheet
1,023Kb / 37P
[Old version datasheet]   Extended Industrial Temperature Bluetooth Smart Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
[Old version datasheet]   CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
[Old version datasheet]   CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2620 TI1-CC2620 Datasheet
1Mb / 52P
[Old version datasheet]   SimpleLink ZigBee RF4CE Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com