Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1310 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1310
Description  CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1310_15 Datasheet HTML 6Page - Texas Instruments CC1310_15 Datasheet HTML 7Page - Texas Instruments CC1310_15 Datasheet HTML 8Page - Texas Instruments CC1310_15 Datasheet HTML 9Page - Texas Instruments CC1310_15 Datasheet HTML 10Page - Texas Instruments CC1310_15 Datasheet HTML 11Page - Texas Instruments CC1310_15 Datasheet HTML 12Page - Texas Instruments CC1310_15 Datasheet HTML 13Page - Texas Instruments CC1310_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
CC1310
SWRS181A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
5.6
Receive (RX) Parameters
Measured on the Texas Instruments CC1310EM-7XD-7793 reference design with Tc = 25°C, VDDS = 3.0 V, DC-DC enabled,
fRF = 868 MHz, unless otherwise noted. All measurements are done at the antenna input with a combined RX and TX path.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data rate
50
kbps
50 kbps, GFSK, 25-kHz deviation, 100-kHz RX BW
Data rate offset tolerance, IEEE
(same modulation format as IEEE 802.15.4g mandatory
1400
ppm
802.15.4g PHY
mode), BER = 10–3
Data rate step size
1.5
bps
Digital channel filter programmable
Using VCO divide by 5 setting
40
4000
kHz
bandwidth
50 kbps, GFSK, 25-kHz deviation, 100-kHz RX BW
Receiver sensitivity, 50 kbps
(same modulation format as IEEE 802.15.4g mandatory
–110
dBm
mode), BER = 10–2 868 MHz and 915 MHZ
50 kbps, GFSK, 25-kHz deviation, 100-kHz RX BW
Receiver saturation
(same modulation format as IEEE 802.15.4g mandatory
+10
dBm
mode), BER = 10–2
Wanted signal 3-dB above sensitivity limit. 50 kbps,
GFSK, 25-kHz deviation, 100-kHz RX BW (same
Selectivity, ±200 kHz, 50 kbps
43, 45
dB
modulation format as IEEE 802.15.4g mandatory
mode), BER = 10–2
Wanted signal 3-dB above sensitivity limit. 50 kbps,
GFSK, 25-kHz deviation, 100-kHz RX BW (same
Selectivity, ±400 kHz, 50 kbps
48, 52
dB
modulation format as IEEE 802.15.4g mandatory
mode), BER = 10–2
Wanted signal 3-dB above sensitivity limit. 50 kbps,
GFSK, 25-kHz deviation, 100-kHz RX BW (same
Blocking ±1 MHz, 50 kbps
59, 62
dB
modulation format as IEEE 802.15.4g mandatory
mode), BER = 10–2
Wanted signal 3-dB above sensitivity limit. 50 kbps,
GFSK, 25-kHz deviation, 100-kHz RX BW (same
Blocking ±2 MHz, 50 kbps
64, 65
dB
modulation format as IEEE 802.15.4g mandatory
mode), BER = 10–2
Wanted signal 3-dB above sensitivity limit. 50 kbps,
GFSK, 25-kHz deviation, 100-kHz RX BW (same
Blocking ±5 MHz, 50 kbps
67, 68
dB
modulation format as IEEE 802.15.4g mandatory
mode), BER = 10–2
Wanted signal 3-dB above sensitivity limit. 50 kbps,
GFSK, 25-kHz deviation, 100-kHz RX BW (same
Blocking ±10 MHz, 50 kbps
75, 76
dB
modulation format as IEEE 802.15.4g mandatory
mode), BER = 10–2
Spurious emissions 1 GHz to 13 GHz
Radiated emissions measured according to ETSI EN
(VCO leakage at 3.5 GHz) and 30 MHz
–70
dBm
300 220
to 1 GHz
Wanted signal 3-dB above sensitivity limit. 50 kbps,
Image rejection (image compensation
GFSK, 25-kHz deviation, 100-kHz RX BW (same
44
dB
enabled)
modulation format as IEEE 802.15.4g mandatory
mode), BER = 10–2
50 kbps, GFSK, 25-kHz deviation, 100-kHz RX BW
(same modulation format as IEEE 802.15.4g mandatory
RSSI dynamic range
95
dB
mode). Starting from the sensitivity limit. This is the
range that will give an accuracy of ±2
50 kbps, GFSK, 25-kHz deviation, 100-kHz RX BW
RSSI accuracy
(same modulation format as IEEE 802.15.4g mandatory
±2
dB
mode)
Receiver sensitivity, long range mode
10 ksps, GFSK, 5-kHz deviation, FEC (half rate),
–124
dBm
625 bps
DSSS = 8, 40-kHz RX BW , BER = 10–2
Wanted signal 3-dB above sensitivity limit. 10 ksps,
Selectivity, ±100 kHz, long range mode
GFSK, 5-kHz deviation, FEC (half rate), DSSS = 8,
52, 52
dB
625 bps
40-kHz RX BW , BER = 10–2
10
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1310


Similar Part No. - CC1310_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1310F128RGZR TI1-CC1310F128RGZR Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1310F128RGZT TI1-CC1310F128RGZT Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1310F128RHBR TI1-CC1310F128RHBR Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1310F128RHBT TI1-CC1310F128RHBT Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1310F128RSMR TI1-CC1310F128RSMR Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
More results

Similar Description - CC1310_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1310 TI1-CC1310_16 Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1312R TI1-CC1312R Datasheet
550Kb / 48P
[Old version datasheet]   SimpleLink High-Performance Sub-1 GHz Wireless MCU
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
[Old version datasheet]   CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
[Old version datasheet]   CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1350 TI1-CC1350_16 Datasheet
1,003Kb / 61P
[Old version datasheet]   SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC1350 TI1-CC1350 Datasheet
799Kb / 52P
[Old version datasheet]   SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
[Old version datasheet]   CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
[Old version datasheet]   CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com