Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX532AEWE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX532AEWE
Description  Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX532AEWE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX532AEWE Datasheet HTML 1Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 2Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 3Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 4Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 5Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 6Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 7Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 8Page - Maxim Integrated Products MAX532AEWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX532 is a complete, dual, serial-input, 12-bit
multiplying digital-to-analog converter (MDAC) with out-
put amplifiers. No external user trims are required to
achieve full specified performance. The MAX532’s 3-
wire serial interface minimizes the number of package
pins, so it uses less board space than parallel-interface
parts. The interface is SPI™, QSPI™ and Microwire™
compatible. A serial output, DOUT, allows cascading
of two or more MAX532s and read-back of the data
written to the device.
The device’s serial interface minimizes digital-noise
feedthrough from its logic pins to its analog outputs.
Serial interfacing also simplifies opto-coupler-isolated
or transformer-isolated applications.
The MAX532 is specified with ±12V to ±15V power sup-
plies. All logic inputs are TTL and CMOS compatible. It
comes in space-saving 16-pin DIP and wide SO packages.
________________________Applications
Automatic Test Equipment
Arbitrary Waveform Generators
Programmable-Gain Amplifiers
Motion Control Systems
Servo Controls
____________________________Features
o Two 12-Bit MDACs with Output Amplifiers
o Fast, 6MHz 3-Wire Interface
o SPI, QSPI, and Microwire Compatible
o ±12V Output Swing
o ±10mA Output Current
o 2.5µs Settling Time to ±1/2LSB
o Guaranteed Monotonic Over Temperature
o Low Integral Nonlinearity: ±1/2LSB Max
o Low Gain Tempco: 2ppm/°C
o Operates from ±12V to ±15V Supplies
o Power-On Reset
o Available in 16-Pin DIP and Wide SO Packages
______________Ordering Information
Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VDD
LDAC
CS
DIN
AGNDA
VOUTA
VREFA
RFBA
TOP VIEW
DOUT
SCLK
DGND
VSS
RFBB
VREFB
VOUTB
AGNDB
DIP/Wide SO
MAX532
__________________Pin Configuration
DACA
LATCH
24-BIT SHIFT
REGISTER
DACB
LATCH
DACA
RFBA
VOUTA
DOUT
RFBB
VOUTB
AGNDB
AGNDA
VREFA
DIN
SCLK
CS
LDAC
VREFB
DACB
VDD
VSS
DGND
MAX532
________________Functional Diagram
Call toll free 1-800-998-8800 for free samples or literature.
19-0046; Rev. 1; 3/94
PART
TEMP. RANGE PIN-PACKAGE
MAX532ACPE
0°C to +70°C
16 Plastic DIP
MAX532BCPE
0°C to +70°C
16 Plastic DIP
MAX532ACWE
0°C to +70°C
16 Wide SO
MAX532BCWE
0°C to +70°C
16 Wide SO
MAX532BC/D
0°C to +70°C
Dice*
™Microwire is a trademark of National Semiconductor Corp. SPI and QSPI are trademarks of Motorola, Inc.
±1/2
±1
±1/2
±1
±1
ERROR
(LSBs)
Ordering Information continued on last page.
* Contact factory for dice specifications.


Similar Part No. - MAX532AEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
MAX5322EAI MAXIM-MAX5322EAI Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
More results

Similar Description - MAX532AEWE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Texas Instruments
DAC7614 TI1-DAC7614_09 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615 TI1-DAC7615_09 Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
logo
Sipex Corporation
HS3120 SIPEX-HS3120 Datasheet
248Kb / 4P
   Double Buffered 12-Bit MDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com