Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX539AESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX539AESA
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX539AESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX539AESA Datasheet HTML 1Page - Maxim Integrated Products MAX539AESA Datasheet HTML 2Page - Maxim Integrated Products MAX539AESA Datasheet HTML 3Page - Maxim Integrated Products MAX539AESA Datasheet HTML 4Page - Maxim Integrated Products MAX539AESA Datasheet HTML 5Page - Maxim Integrated Products MAX539AESA Datasheet HTML 6Page - Maxim Integrated Products MAX539AESA Datasheet HTML 7Page - Maxim Integrated Products MAX539AESA Datasheet HTML 8Page - Maxim Integrated Products MAX539AESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(VDD = +5V ±10%, VSS = 0V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT (MAX531), CREFOUT = 33µF
(MAX531), RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
Input Current
SYMBOL
MIN
TYP
MAX
IIN
±1
UNITS
Noise Voltage
en
µA
400
Input Capacitance
CIN
µVp-p
Power-Supply Rejection Ratio
8
PSRR
300
µV/V
Resistance
RREFOUT
0.5
2
pF
Temperature Coefficient
TCREFOUT
30
50
ppm/°C
Minimum Required External
Capacitor
CMIN
3.3
µF
Output High
Input High
VOH
VIH
2.4
VDD - 1
V
Input Low
V
VIL
0.8
V
Output Low
VOL
0.4
V
Voltage-Output Slew Rate
SR
0.15
0.25
V/µs
Voltage-Output Settling Time
25
µs
Digital Feedthrough
2.024
2.048
2.072
5
nV-s
Signal-to-Noise plus Distortion
SINAD
68
dB
260
400
CONDITIONS
VIN = 0V or VDD
0.1Hz to 10kHz
4.5V
≤ VDD ≤ 5.5V
(Note 5)
MAX531AC/AE/AM/BM
ISOURCE = 2mA
ISINK = 2mA
TA = +25°C
To ±1/2LSB, VOUT = 2V
CS = VDD, DIN = 100kHz
REFIN = 1kHz, 2Vp-p (G = +1 or +2),
code = FFF hex
Power-Supply Current
IDD
All inputs = 0V or VDD,
output = no load
140
300
µA
CS Setup Time
tCSS
20
ns
SCLK Fall to
CS Fall Hold Time
tCSH0
15
ns
SCLK Fall to
CS Rise Hold Time
tCSH1
0
ns
SCLK High Width
tCH
35
ns
SCLK Low Width
tCL
35
ns
DIN Setup Time
tDS
45
ns
DIN Hold Time
tDH
0
ns
DOUT Valid Propagation Delay
tDO
CL = 50pF
80
ns
CS High Pulse Width
tCSW
20
ns
CLR Pulse Width
tCLR
25
ns
MAX531BC/BE
MAX531
MAX538, MAX539
30
2.017
2.079
Reference Output Voltage
V
2.013
2.083
VDD = 5.0V
CS Rise to SCLK Rise Setup Time
tCS1
50
ns
TA = +25°C
MAX531BC
MAX531BE
Positive Supply Voltage
VDD
4.5
5.5
V
REFERENCE OUTPUT (REFOUT—MAX531 only)
DIGITAL INPUTS (DIN, SCLK,
CS, CLR)
DIGITAL OUTPUT (DOUT)
DYNAMIC PERFORMANCE
POWER SUPPLY
SWITCHING CHARACTERISTICS


Similar Part No. - MAX539AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
826Kb / 14P
   2.6V to 5.25V Single-Supply Operation
Rev 0; 3/10
MAX5391 MAXIM-MAX5391 Datasheet
1Mb / 13P
   PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
MAX5391 MAXIM-MAX5391 Datasheet
1Mb / 13P
   PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
More results

Similar Description - MAX539AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com