Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX539AESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX539AESA
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX539AESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX539AESA Datasheet HTML 7Page - Maxim Integrated Products MAX539AESA Datasheet HTML 8Page - Maxim Integrated Products MAX539AESA Datasheet HTML 9Page - Maxim Integrated Products MAX539AESA Datasheet HTML 10Page - Maxim Integrated Products MAX539AESA Datasheet HTML 11Page - Maxim Integrated Products MAX539AESA Datasheet HTML 12Page - Maxim Integrated Products MAX539AESA Datasheet HTML 13Page - Maxim Integrated Products MAX539AESA Datasheet HTML 14Page - Maxim Integrated Products MAX539AESA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
______________________________________________________________________________________
11
MAX531
MAX538
MAX539
MICROWIRE
PORT
SCLK
DIN
CS
DOUT
SK
SO
I/O
SI
THE DOUT-SI CONNECTION IS NOT REQUIRED FOR WRITING TO THE
DEVICE, BUT MAY BE USED FOR VERIFYING DATA TRANSFER .
MAX531
MAX538
MAX539
SPI
PORT
SCLK
DIN
CS
DOUT
SCK
MOSI
I/O
MISO
THE DOUT-MISO CONNECTION IS NOT REQUIRED FOR WRITING TO THE
DEVICE, BUT MAY BE USED FOR VERIFYING DATA TRANSFER .
CPOL = 0, CPHA = 0
Figure 4. Microwire Connection
Figure 5. SPI/QSPI Connection
Figure 6. Unipolar Configuration (0V to +2.048V Output)
33µF
REFIN
REFOUT
AGND
DGND
VDD
VSS
BIPOFF
RFB
VOUT
VOUT
0V TO -5V
+5V
G = +1
MAX531
33µF
REFIN
REFOUT
AGND
DGND
VDD
VSS
BIPOFF
RFB
VOUT
VOUT
0V TO -5V
+5V
G = +2
MAX531
Table 1. Unipolar Binary Code Table
(0V to VREFIN Output), Gain = +1
Figure 7. Unipolar Configuration (0V to +4.096V Output)
Table 2. Unipolar Binary Code Table
(0V to 2VREFIN Output), Gain = +2
INPUT
OUTPUT
1111
1111
1111
1000
0000
0001
1000
0000
0000
0111
1111
1111
0000
0000
0001
0000
0000
0000
(VREFIN)
4095
4096
(VREFIN)
2049
4096
(VREFIN)
2048
4096
(VREFIN)
2047
4096
(VREFIN)
1
4096
OV
= +VREFIN / 2
INPUT
OUTPUT
1111
1111
1111
1000
0000
0001
1000
0000
0000
0111
1111
1111
0000
0000
0001
0000
0000
0000
+2 (VREFIN)
4095
4096
+2 (VREFIN)
2049
4096
+2 (VREFIN)
2048
4096
+2 (VREFIN)
2047
4096
+2 (VREFIN)
1
4096
OV
= +VREFIN


Similar Part No. - MAX539AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
826Kb / 14P
   2.6V to 5.25V Single-Supply Operation
Rev 0; 3/10
MAX5391 MAXIM-MAX5391 Datasheet
1Mb / 13P
   PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
MAX5391 MAXIM-MAX5391 Datasheet
1Mb / 13P
   PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
More results

Similar Description - MAX539AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com