Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5354 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5354
Description  10-Bit Voltage-Output DACs in 8-Pin 關MAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5354 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5354 Datasheet HTML 5Page - Maxim Integrated Products MAX5354 Datasheet HTML 6Page - Maxim Integrated Products MAX5354 Datasheet HTML 7Page - Maxim Integrated Products MAX5354 Datasheet HTML 8Page - Maxim Integrated Products MAX5354 Datasheet HTML 9Page - Maxim Integrated Products MAX5354 Datasheet HTML 10Page - Maxim Integrated Products MAX5354 Datasheet HTML 11Page - Maxim Integrated Products MAX5354 Datasheet HTML 12Page - Maxim Integrated Products MAX5354 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
10-Bit Voltage-Output DACs
in 8-Pin µMAX
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX5354/MAX5355 contain a voltage-output digi-
tal-to-analog converter (DAC) that is easily addressed
using a simple 3-wire serial interface. Each IC includes
a 16-bit shift register, and has a double-buffered input
composed of an input register and a DAC register (see
Functional Diagram). In addition to the voltage output,
the amplifier’s negative input is available to the user.
The DAC is an inverted R-2R ladder network that con-
verts a digital input (10 data bits plus three sub-bits)
into an equivalent analog output voltage in proportion
to the applied reference voltage. Figure 1 shows a sim-
plified circuit diagram of the DAC.
Reference Inputs
The reference input accepts positive DC and AC sig-
nals. The voltage at the reference input sets the full-
scale output voltage for the DAC. The reference input
voltage range is 0V to (VDD - 1.4V). The output voltage
(VOUT) is represented by a digitally programmable volt-
age source, as expressed in the following equation:
VOUT = (VREF x NB / 1024) x Gain
where NB is the numeric value of the DAC’s binary
input code (0 to 1023), VREF is the reference voltage,
and Gain is the externally set voltage gain.
The impedance at the reference input is code depen-
dent, ranging from a low value of 18k
Ω when the DAC
has an input code of 1550 hex, to a high value exceed-
ing several giga ohms (leakage currents) with an input
code of 0000 hex. Because the input impedance at the
reference pin is code dependent, load regulation of the
reference source is important.
In shutdown mode, the MAX5354/MAX5355’s REF input
enters a high-impedance state with a typical input leak-
age current of 0.001µA.
The reference input capacitance is also code depen-
dent and typically ranges from 15pF (with an input
code of all 0s) to 50pF (at full scale).
The MAX873 +2.5V reference is recommended for use
with the MAX5354.
Output Amplifier
The MAX5354/MAX5355’s DAC output is internally
buffered by a precision amplifier with a typical slew rate
of 0.6V/µs. Access to the output amplifier’s inverting
input provides the user greater flexibility in output gain
setting/signal conditioning (see the
Applications
Information section).
With a full-scale transition at the MAX5354/MAX5355
output, the typical settling time to ±1/2LSB is 10µs
when loaded with 5k
Ω in parallel with 100pF (loads less
than 2k
Ω degrade performance).
The amplifier’s output dynamic responses and settling
performances are shown in the
Typical Operating
Characteristics.
Shutdown Mode
The MAX5354/MAX5355 feature a software-program-
mable shutdown that reduces supply current to a typical
value of 4µA. Writing 111X XXXX XXXX XXXX as the input-
control word puts the device in shutdown mode (Table 1).
OUT
FB
SHOWN FOR ALL 1s ON DAC
MSB
2R
2R
2R
2R
2R
R
R
R
REF
AGND
Figure 1. Simplified DAC Circuit Diagram
_____________________Pin Description
DAC Output Amplifier Feedback
FB
5
Reference Voltage Input
REF
6
Ground
GND
7
Positive Power Supply
VDD
8
Serial-Clock Input
SCLK
4
Serial-Data Input
DIN
3
PIN
Chip-Select Input. Active low.
CS
2
DAC Output Voltage
OUT
1
FUNCTION
NAME


Similar Part No. - MAX5354

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACPA MAXIM-MAX5351ACPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351ACUA MAXIM-MAX5351ACUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEPA MAXIM-MAX5351AEPA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5351AEUA MAXIM-MAX5351AEUA Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
More results

Similar Description - MAX5354

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX551 MAXIM-MAX551 Datasheet
99Kb / 12P
   3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX548A MAXIM-MAX548A Datasheet
172Kb / 16P
   2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com