Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX533BCEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX533BCEE
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533BCEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX533BCEE Datasheet HTML 6Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 7Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 8Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 9Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 10Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 11Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 12Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 13Page - Maxim Integrated Products MAX533BCEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Load All DACs with Shift-Register Data
All four DAC registers are updated with shift-register
data. This command allows all DACs to be set to any
analog value within the reference range. This command
can be used to substitute
CLR if code 00 hex is pro-
grammed, which clears all DACs.
Software Shutdown
Shuts down all output buffer amplifiers, reducing sup-
ply current to 10µA max.
User-Programmable Output (UPO)
User-programmable logic output for controlling another
device across an isolated interface. Example devices
are gain control of an amplifier, a 4mA to 20mA amplifi-
er, and a polarity output for a motor speed control.
No Operation (NOP)
The NOP command (no operation) allows data to be
shifted through the MAX533 shift register without affect-
ing the input or DAC registers. This is useful in daisy
chaining (also see the
Daisy Chaining Devices section).
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
10
______________________________________________________________________________________
Set DOUT phase—SCLK rising (mode 1). DOUT
clocked out on rising edge of SCLK. All DACs updated
from their respective input registers.
Software shutdown (provided PDE is high)
Load all DACs with shift-register data. Also bring the
part out of shutdown mode.
12-BIT SERIAL WORD
0
0
1
1
0
0
1
1
C0
0
0
0
0
1
1
1
1
1
1
1
1
C1
1
0
0
0
1
1
1
1
0
0
0
0
A0
1
1
0
1
0
1
0
1
0
1
0
1
FUNCTION
LDAC
D7 . . . . . . . . D0
A1
X
X X X X X X X X
1
X
X X X X X X X X
1
X
8-bit DAC data
1
Software
LDAC commands. Update all DACs from
their respective input registers. Also bring the part out
of shutdown mode.
1
X X X X X X X X
0
Load input register A; all DAC outputs updated
Load input register B; all DAC outputs updated
Load input register C; all DAC outputs updated
Load input register D; all DAC outputs updated.
1
1
1
1
8-bit DAC data
8-bit DAC data
8-bit DAC data
8-bit DAC data
Load input register A; all DAC outputs unchanged.
Load input register B; all DAC outputs unchanged.
Load input register C; all DAC outputs unchanged.
Load input register D; all DAC outputs unchanged.
1
1
1
1
8-bit DAC data
8-bit DAC data
8-bit DAC data
8-bit DAC data
UPO goes low.
0
1
0
X
X X X X X X X X
0
UPO goes high.
0
No operation (NOP); shift data in shift registers.
1
0
1
0
X
X X X X X X X X
0
0
X
X X X X X X X X
0
Set DOUT phase—SCLK falling (mode 0). DOUT
clocked out on falling edge of SCLK. All DACs up-
dated from their respective registers (default).
0
1
0
X
X X X X X X X X
1
(
LDAC = X)
(
LDAC = X, PDE = H)
(
LDAC = X)
(
LDAC = X)
A1
A0
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
8-Bit Data
A1
A0
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
0
xx
x
x
x
x
x
x
UPO
Output
A1 A0 C1 C0 D7 D6 D5 D4 D3 D2 D1 D0
0
0
1
0
x
x
x
x
xx
xx
Low
0
1
1
0
x
x
x
x
xx
xx
High
xx
x
x
x
x
x
x
0
0
0
0
D0
D1
D2
D3
D4
D5
D6
D7
C0
C1
A0
A1


Similar Part No. - MAX533BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5331UCB MAXIM-MAX5331UCB Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5331UTK** MAXIM-MAX5331UTK* Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5332 MAXIM-MAX5332 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5332UCB MAXIM-MAX5332UCB Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
More results

Similar Description - MAX533BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
MAX5100 MAXIM-MAX5100 Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101 MAXIM-MAX5101 Datasheet
429Kb / 8P
   2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5102 MAXIM-MAX5102 Datasheet
454Kb / 8P
   2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5258 MAXIM-MAX5258 Datasheet
509Kb / 20P
   3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Rev 1; 4/01
logo
Analog Devices
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com