Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX530BEAG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX530BEAG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX530BEAG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX530BEAG Datasheet HTML 3Page - Maxim Integrated Products MAX530BEAG Datasheet HTML 4Page - Maxim Integrated Products MAX530BEAG Datasheet HTML 5Page - Maxim Integrated Products MAX530BEAG Datasheet HTML 6Page - Maxim Integrated Products MAX530BEAG Datasheet HTML 7Page - Maxim Integrated Products MAX530BEAG Datasheet HTML 8Page - Maxim Integrated Products MAX530BEAG Datasheet HTML 9Page - Maxim Integrated Products MAX530BEAG Datasheet HTML 10Page - Maxim Integrated Products MAX530BEAG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
+5V, Low-Power, Parallel-Input,
Voltage-Output, 12-Bit DAC
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
* This applies to 4 + 4 + 4 input loading mode. See Table 2 for 8 + 4 input loading mode.
D0 (LSB) Input Dta when A0 = 0 and A1 = 1, or D8 Input when A0 = A1= 1*
D0/D8
24
Positive Power Supply (+5V)
VDD
23
Offset Resistor Pin. Connect to VOUT for G = 1, to AGND for G = 2, or to REFIN for bipolar output.
ROFS
22
Feedback Pin. Op-amp feedback resistor. Always connect to VOUT.
RFB
21
Voltage Output. Op-amp buffered DAC output.
VOUT
20
Negative Power Supply. Usually ground for single-supply or -5V for dual-supply operation.
VSS
19
Reference Output. Output of the internal 2.048V reference. Tie to REFIN to drive the R-2R DAC.
REFOUT
18
Reference Ground must be connected to AGND when using the internal reference. Connect to VDD
to disable the internal reference and save power.
REFGND
17
Load DAC Input (active low). Driving this asynchronous input low transfers the contents of the input
latch to the DAC latch and updates VOUT.
LDAC
16
Clear (active low). A low on CLR resets the DAC latches to all 0s.
CLR
15
Analog Ground
AGND
14
Reference Input. Input for the R-2R DAC. Connect an external reference to this pin or a jumper to
REFOUT (pin 18) to use the internal 2.048V reference.
REFIN
13
Digital Ground
DGND
12
Chip Select (active low). Enables addressing and writing to this chip from common bus lines.
CS
11
Write Input (active low). Used with CS to load data into the input latch selected by A0 and A1.
WR
10
Address Line A1. Set A0 = A1 = 0 for NBL and NBM, A0 = 0 and A1 = 1 for NBL, A0 = 1 and
A1 = 0 for NBM, or A0 = A1 = 1 for NBH. See Table 2 for complete input latch addressing.
A1
9
Address Line A0. With A1, used to multiplex 4 of 12 data lines to load low (NBL), middle (NBM),
and high (NBH) 4-bit nibbles. (12 bits can also be loaded as 8+4.)
A0
8
D7 Input Dta, or tie to D3 and multiplex when A0 = 1 and A1 = 0*
D7
7
D6 Input Dta, or tie to D2 and multiplex when A0 = 1 and A1 = 0*
D6
6
D5 Input Dta, or tie to D1 and multiplex when A0 = 1 and A1 = 0*
D5
5
D4
D3/ D11
D2/ D10
D1/ D9
NAME
D4 Input Dta, or tie to D0 and multiplex when A0 = 1 and A1 = 0*
4
D3 Input Dta, when A0 = 0 and A1 = 1, or D11 (MSB) Input when A0 = A1 =1*
3
D2 Input Dta, when A0 = 0 and A1 = 1, or D10 Input when A0 = A1 = 1*
2
D1 Input Dta, when A0 = 0 and A1 = 1, or D9 Input when A0 = A1 = 1*
1
FUNCTION
PIN


Similar Part No. - MAX530BEAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302CUA MAXIM-MAX5302CUA Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302EUA MAXIM-MAX5302EUA Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5304CUA MAXIM-MAX5304CUA Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
More results

Similar Description - MAX530BEAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC
logo
Analog Devices
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
logo
Wolfson Microelectronic...
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
MAX5541 MAXIM-MAX5541 Datasheet
221Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Rev 0; 12/99
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com