Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CONTROL-PIONT-MODULE5000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CONTROL-PIONT-MODULE5000
Description  Control Point Module (CPM) 5000
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONTROL-PIONT-MODULE5000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CONTROL-PIONT-MODULE5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers CONTROL-PIONT-MODULE5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers CONTROL-PIONT-MODULE5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.echelon.com
®
Transceiver Bit Rate
78kbps.
Maximum Nodes Per Channel
64 (-40 to +85°C).
Network Length in
Free Topology only
1000m (3280 feet) \maximum total wire
with one repeater.\500m (1640 feet)
maximum total wire with no repeaters.
Network Bus Polarity
Insensitive.
Power-down Network Protection
High impedance when unpowered.
Supply Voltage
3.0V to 3.6V.
Double row 0.1” center connector
for I/O, power, and communications.
Network Termination
One terminator in free topology.
Two terminators in bus topology.
Operating Temperature
-40°C to +85°C.
Non-operating Temperature
-40 to +85°C.
Operating Humidity
25 to 90% RH @ 50°C, non-condensing.
Non-operating Humidity
95% RH @ 50°C,
non-condensing.
Dimensions
1.7”W x 1.175”H x 0.63”D.
Notes
1. Maximum distance figures are based on
variations in node distribution, node temperature, node voltage, wire characteristics, and
FT 5000 Smart Transceiver characteristics, and allow for an average wire temperature of
up to +55°C.
2. Safety agency hazardous voltage barrier requirements are not supported.
3. The I/O pins of P1 connect directly to the FT 5000 Chip and do not contain additional
protection beyond what is available with a typical advanced CMOS device.
4. For ESD protection at 5 MHz and 10 MHz operations, your design should include ferrite
beads in series with the network pins. An example part that meets the requirements is a
Fair-Rite Products Corp 2743007112 bead on lead. Beads are not required for operations
at 20 MHz or higher.
5. For wire specifications, see
JunctionBoxandWiringGuidelinesforTwistedPair
LonWorksNetworks, 005-0023-01 Rev D or later.
6. FT 5000 Smart Transceivers and Control Modules were not designed for use in
equipment or systems which involve danger to human health or safety or a risk of
property damage, and Echelon assumes no responsibility or liability for use of the FT
5000 Smart Transceivers or Control Modules in such applications.
ORDERING INFORMATION
CPM 5000
55040R-10
(RoHS-compliant)
LonWorks Twisted Pair Control Module User’s Guide 078-0015-01
(to be ordered separately – not shipped with product)
Parameter
Agency
Spec or
Standard
Level
Method
Limit
Unit
ESD
IEC1000-4-2
4 (20 MHz
and greater)
Air Discharge
15
kV
4 (20 MHz
and greater)
Contact Discharge 8
kV
3 (10 MHz)
Air Discharge
8
kV
3 (10 MHz)
Contact Discharge 6
kV
Radiated EM
susceptibility IEC1000-4-3 3
10
V/m
Fast
Transient
Burst
Immunity
IEC1000-4-4 4
Network
Cable Clamp
2
kV
Surge
Immunity
IEC1000-4-5 3
2
kV
Common
Mode Noise
Immunity
IEC1000-4-6
BCI clamp on
Network Cable
10
V
rms
Radiated EMI EN55022
B
FCC Part 15
B
High Voltage
Isolation
0–60 Hz
HIPOT
(0.5 mA max
leakage)
60s
Disconnect MOV 2.4
kV
rms
Contin.
277
V
rms
Shock
3 ms half-sine
100
(peak) g
Vibration
8 Hz – 2 kHz
1.5
peak-
to-peak
g
© 2014 Echelon, LonWorks, and the Echelon logo are trademarks of Echelon Corporation registered in the United States and other
countries.IzoT is a trademark of Echelon Corporation. Content subject to change without notice.


Similar Part No. - CONTROL-PIONT-MODULE5000

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
logo
List of Unclassifed Man...
CONTROL44 ETC2-CONTROL44 Datasheet
202Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
logo
Radiometrix Ltd
CONTROL44 RADIOMETRIX-CONTROL44 Datasheet
385Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
More results

Similar Description - CONTROL-PIONT-MODULE5000

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
CHV30N PERKINELMER-CHV30N Datasheet
320Kb / 2P
   CPM High Voltage Power Supply
logo
Texas Instruments
TM4C1237D5PM TI1-TM4C1237D5PM Datasheet
5Mb / 1264P
[Old version datasheet]   Floating-Point Status Control (FPSC)
logo
Shenzhen Huazhimei Semi...
HM9208 HMSEMI-HM9208 Datasheet
641Kb / 6P
   one-point-in-ear two-point touch control IC
logo
PHOENIX CONTACT
6575A PHOENIX-6575A Datasheet
558Kb / 24P
   Positioning CPU as Positioning Control System for Multi-Axis Point-to-Point Control Systems
logo
List of Unclassifed Man...
10080R ETC2-10080R Datasheet
897Kb / 2P
   IzoT짰 CPM 4200 Wi-Fi EVK
logo
NHP Electrical Engineer...
5094-IB16S NHP-5094-IB16S Datasheet
591Kb / 1P
   FLEX 5000 DIGITAL 16 INPUT SAFETY MODULE
8 June 2023,
5069-ARM NHP-5069-ARM Datasheet
548Kb / 1P
   COMPACT 5000 I/O ADDRESS RESERVE MODULE
8 June 2023,
5069-OF4 NHP-5069-OF4 Datasheet
562Kb / 1P
   COMPACT 5000 I/O 4AO VOLTAGE/CURRENT MODULE
8 June 2023,
5069-IF8 NHP-5069-IF8 Datasheet
560Kb / 1P
   COMPACT 5000 I/O 8AI VOLTAGE/CURRENT MODULE
8 June 2023,
5069-OF8 NHP-5069-OF8 Datasheet
562Kb / 1P
   COMPACT 5000 I/O 8AO VOLTAGE/CURRENT MODULE
8 June 2023,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com