Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX533 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX533
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX533 Datasheet HTML 1Page - Maxim Integrated Products MAX533 Datasheet HTML 2Page - Maxim Integrated Products MAX533 Datasheet HTML 3Page - Maxim Integrated Products MAX533 Datasheet HTML 4Page - Maxim Integrated Products MAX533 Datasheet HTML 5Page - Maxim Integrated Products MAX533 Datasheet HTML 6Page - Maxim Integrated Products MAX533 Datasheet HTML 7Page - Maxim Integrated Products MAX533 Datasheet HTML 8Page - Maxim Integrated Products MAX533 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX533 serial-input, voltage-output, 8-bit quad
digital-to-analog converter (DAC) operates from a sin-
gle +2.7V to +3.6V supply. Internal precision buffers
swing rail to rail, and the reference input range includes
both ground and the positive rail. The MAX533 features
a 1µA shutdown mode.
The serial interface is double buffered: a 12-bit input
shift register is followed by four 8-bit buffer registers
and four 8-bit DAC registers. The 12-bit serial word
consists of eight data bits and four control bits (for DAC
selection and special programming commands). Both
the input and DAC registers can be updated indepen-
dently or simultaneously with a single software com-
mand. Two additional asynchronous control pins,
LDAC
and
CLR, provide simultaneous updating or clearing of
the input and DAC registers.
The interface is compatible with SPI™, QSPI™ (CPOL =
CPHA = 0 or CPOL = CPHA = 1), and Microwire™. A
buffered data output allows daisy chaining of serial
devices.
In addition to 16-pin DIP and CERDIP packages, the
MAX533 is available in a 16-pin QSOP that occupies
the same area as an 8-pin SO.
________________________Applications
Digital Gain and Offset Adjustments
Programmable Attenuators
Programmable Current Sources
Portable Instruments
____________________________Features
o +2.7V to +3.6V Single-Supply Operation
o Ultra-Low Supply Current:
0.7mA while Operating
1µA in Shutdown Mode
o Ultra-Small 16-Pin QSOP Package
o Ground to VDD Reference Input Range
o Output Buffer Amplifiers Swing Rail to Rail
o 10MHz Serial Interface, Compatible with SPI, QSPI
(CPOL = CPHA = 0 or CPOL = CPHA = 1), and
Microwire
o Double-Buffered Registers for Synchronous
Updating
o Serial Data Output for Daisy Chaining
o Power-On Reset Clears Serial Interface and Sets
All Registers to Zero
o Software Shutdown
o Software-Programmable Logic Output
o Asynchronous Hardware Clear Resets All Internal
Registers to Zero
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTC
OUTD
AGND
VDD
DGND
DIN
SCLK
CS
OUTB
OUTA
REF
UPO
PDE
LDAC
CLR
DOUT
TOP VIEW
MAX533
DIP/QSOP
__________________Pin Configuration
19-1080; Rev 0; 6/96
PART
MAX533ACPE
MAX533BCPE
MAX533ACEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Plastic DIP
16 QSOP
______________Ordering Information
*Dice are tested at TA = +25°C.
**Contact factory for availability and processing to MIL-STD-883.
SPI and QSPI are trademarks of Motorola, Inc. Microwire is a trademark of National Semiconductor Corp.
Functional Diagram appears at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX533BCEE
0°C to +70°C
16 QSOP
MAX533BC/D
0°C to +70°C
Dice*
MAX533AEPE
-40°C to +85°C
16 Plastic DIP
MAX533BEPE
-40°C to +85°C
16 Plastic DIP
MAX533AEEE
-40°C to +85°C
16 QSOP
MAX533BEEE
-40°C to +85°C
16 QSOP
MAX533AMJE
-55°C to +125°C
16 CERDIP**
MAX533BMJE
-55°C to +125°C
16 CERDIP**
INL
(LSB)
±1
±2
±1
±2
±2
±1
±2
±1
±2
±1
±2


Similar Part No. - MAX533

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5331UCB MAXIM-MAX5331UCB Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5331UTK** MAXIM-MAX5331UTK* Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5332 MAXIM-MAX5332 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5332UCB MAXIM-MAX5332UCB Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
More results

Similar Description - MAX533

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
MAX5100 MAXIM-MAX5100 Datasheet
401Kb / 8P
   2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5101 MAXIM-MAX5101 Datasheet
429Kb / 8P
   2.7V to 5.5V, Low-Power, Triple, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5102 MAXIM-MAX5102 Datasheet
454Kb / 8P
   2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5258 MAXIM-MAX5258 Datasheet
509Kb / 20P
   3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Rev 1; 4/01
logo
Analog Devices
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com