Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX530ACAG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX530ACAG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX530ACAG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX530ACAG Datasheet HTML 1Page - Maxim Integrated Products MAX530ACAG Datasheet HTML 2Page - Maxim Integrated Products MAX530ACAG Datasheet HTML 3Page - Maxim Integrated Products MAX530ACAG Datasheet HTML 4Page - Maxim Integrated Products MAX530ACAG Datasheet HTML 5Page - Maxim Integrated Products MAX530ACAG Datasheet HTML 6Page - Maxim Integrated Products MAX530ACAG Datasheet HTML 7Page - Maxim Integrated Products MAX530ACAG Datasheet HTML 8Page - Maxim Integrated Products MAX530ACAG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ELECTRICAL CHARACTERISTICS—Dual ±5V Supplies
(VDD = 5V ±10%, VSS = -5V ±10%, AGND = DGND = REFGND = 0V, REFIN = 2.048V (external), RFB = ROFS = VOUT,
CREFOUT = 33µF, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
+5V, Low-Power, Parallel-Input,
Voltage-Output, 12-Bit DAC
4
_______________________________________________________________________________________
VDD = 5V, VSS = -5V
MAX530AC/AE
±0.5
MAX530BC/BE
MAX530_C/E
Guaranteed monotonic
LSB
±1
DNL
Differential Nonlinearity
MAX530_C/E
LSB
±1.5
INL
Relative Accuracy
ppm/°C
CONDITIONS
3
TCVOS
VDD = 5V, VSS = -5V
Bipolar Offset
Temperature Coefficient
LSB
0±8
VOS
Bipolar Offset Error
ppm/°C
1
TC
Gain-Error Temperature Coefficient
LSB
±1
4.5V
≤ VDD ≤ 5.5V
-5.5V
≤ VSS ≤ -4.5V (Note 3)
Gain Error
VOUT = 2V, load regulation
≤ ±1LSB
k
2
Resistive Load
V
VSS + 0.4
VDD - 0.4
4.5V
≤ VDD ≤ 5.5V, -5.5V ≤ VSS ≤ -4.5V (Note 3)
Output Voltage Range
LSB/V
Bits
12
N
Resolution
0.4
1
PSRR
Gain-Error Power-Supply Rejection
LSB/V
0.4
1
PSRR
Bipolar Offset-Error
Power-Supply Rejection
mA
20
ISC
Short-Circuit Current
0.2
DC Output Impedance
V
VSS + 2
VDD - 2
Reference Input Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Code dependent (Note 4)
pF
10
50
Reference Input Capacitance
Code dependent, minimum at code 555hex
k
40
Reference Input Resistance
(Note 5)
dB
-80
AC Feedthrough
(Note 7)
V
-5.5
-4.5
VSS
Negative Supply Voltage
Outputs unloaded, all digital inputs = 0V or VDD
µA
150
200
ISS
Negative Supply Current
Outputs unloaded, all digital inputs = 0V or VDD
µA
250
400
IDD
Positive Supply Current
(Note 6)
V
4.5
5.5
VDD
Positive Supply Voltage
STATIC PERFORMANCE
DAC VOLTAGE OUTPUT (VOUT)
REFERENCE INPUT (REFIN)
REFERENCE OUTPUT (REFOUT)—Specifications are identical to those under Single +5V Supply
DYNAMIC PERFORMANCE—Specifications are identical to those under Single +5V Supply
DIGITAL INPUTS (D0-D7,
LDAC, CLR, CS, WR, A0, A1)—Specifications are identical to those under Single +5V Supply
POWER SUPPLIES
SWITCHING CHARACTERISTICS—Specifications are identical to those under Single +5V Supply


Similar Part No. - MAX530ACAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302CUA MAXIM-MAX5302CUA Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302EUA MAXIM-MAX5302EUA Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5304CUA MAXIM-MAX5304CUA Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
More results

Similar Description - MAX530ACAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC
logo
Analog Devices
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
logo
Wolfson Microelectronic...
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
MAX5541 MAXIM-MAX5541 Datasheet
221Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Rev 0; 12/99
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com