Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHQ57214SE Datasheet(PDF) 1 Page - International Rectifier

Part # IRHQ57214SE
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHQ57214SE Datasheet(HTML) 1 Page - International Rectifier

  IRHQ57214SE Datasheet HTML 1Page - International Rectifier IRHQ57214SE Datasheet HTML 2Page - International Rectifier IRHQ57214SE Datasheet HTML 3Page - International Rectifier IRHQ57214SE Datasheet HTML 4Page - International Rectifier IRHQ57214SE Datasheet HTML 5Page - International Rectifier IRHQ57214SE Datasheet HTML 6Page - International Rectifier IRHQ57214SE Datasheet HTML 7Page - International Rectifier IRHQ57214SE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings (Per Die)
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
1.9
ID @ VGS = 12V, TC = 100°C
Continuous Drain Current
1.2
IDM
Pulsed Drain Current
À
7.6
PD @ TC = 25°C
Max. Power Dissipation
12
W
Linear Derating Factor
0.1
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
30
mJ
IAR
Avalanche Current
À
1.9
A
EAR
Repetitive Avalanche Energy
À
1.2
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
5.0
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
0.89 (Typical)
g
Pre-Irradiation
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space
applications. These devices have been characterized
for Single Event Effects(SEE) with useful
performance up to an LET of 80 (MeV/(mg/cm2)). The
combination of low RDS(on) and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control.
These devices retain all of the well established
advantages of MOSFETs such as voltage control, fast
switching, ease of paralleling and temperature
stability of electrical parameters.
°C
A
RADIATION HARDENED
IRHQ57214SE
POWER MOSFET
SURFACE MOUNT (LCC-28)
12/20/11
www.irf.com
1
250V, QUAD N-CHANNEL
™
TECHNOLOGY
Product Summary
Part Number
Radiation Level
RDS(on)
ID
IRHQ57214SE 100K Rads (Si)
1.5
1.9A
For footnotes refer to the last page
5
5
LCC-28
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Surface Mount
n Light Weight
PD-93881D


Similar Part No. - IRHQ57214SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ57214SE IRF-IRHQ57214SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results

Similar Description - IRHQ57214SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com