Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5950 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # AN5950
Description  TABLES OF CHARACTERISTICS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

AN5950 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button AN5950 Datasheet HTML 2Page - Dynex Semiconductor AN5950 Datasheet HTML 3Page - Dynex Semiconductor AN5950 Datasheet HTML 4Page - Dynex Semiconductor AN5950 Datasheet HTML 5Page - Dynex Semiconductor AN5950 Datasheet HTML 6Page - Dynex Semiconductor AN5950 Datasheet HTML 7Page - Dynex Semiconductor AN5950 Datasheet HTML 8Page - Dynex Semiconductor AN5950 Datasheet HTML 9Page - Dynex Semiconductor AN5950 Datasheet HTML 10Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AN 5950
Page 6 of 23
in the construction of the device. The storage
temperature range is conservatively set at -
55°C to 125°C.
Fm – Clamping force
Correct clamping of the device is necessary to
assure the electrical and thermal contact to
the
active
part
of
the
device.
The
recommended maximum and minimum force
is stated for each device type (see Appendix 3
and Application note AN4839).
 DYNAMIC CHARACTERISTICS
IRRM/IDRM – Peak reverse and off-state current
IRRM and IDRM are the maximum blocking
currents when VRRM and VDRM are applied to
the device respectively. These currents are
temperature dependant and specified at Tcase
= 125°C and tp= 10ms. Note that for high
voltage devices the blocking current can
contribute substantially to the power losses.
dV/dt – Maximum Linear rate of rise of off-
state voltage
This is the maximum value for the linear rate
of rise of forward voltage (from 0V to
67%VDRM) that can be applied without
initiating turn-on in the thyristor with the gate
open circuit. It is not advisable to exceed this
value as it will cause uncontrolled turn-on in
the device and may cause damage. It is usual
practice to protect the device against
excessive values of dV/dt by use of an
additional snubber circuit (RC or RCD snubber
circuit). The dV/dt capability of a thyristor
reduces with increasing temperature. This is
because triggering of the thyristor is initiated
by the sum of the junction leakage current,
the Cdv/dt displacement current and the gate
current. dV/dt is specified at Tcase = 125°C
which should be the worst case.
dI/dt – Rate of rise of on-state current
This is the maximum rate of rise of on-state
current (load current) for which two values
are specified; repetitive @50Hz and non-
repetitive. These values are specified under
the conditions of forward blocking voltage of
67%VDRM, peak forward current of twice the
rated average current (2xIT(AV)), Tj = 125°C and
the gate conditions for each device type (gate
source voltage, gate resistance and the gate
current rise time). When a thyristor is
triggered on the initial conduction area is
small and hence the current carrying capacity
is limited. If the dI/dt rating is exceeded then
damage to the thyristor may occur. It is
advisable to control the dI/dt of the load
current by use of turn-on snubber circuit
(usually a clamped reactor). Note that the
dI/dt snubber discharge current should be
included in dI/dt considerations.
VT(TO) – Threshold voltage
For a simple calculation of conduction losses
of a thyristor, the on state IV characteristic is
approximated to a straight line and an
intercept on the voltage - axis. The intercept is
called the threshold voltage. Two values of
VT(TO) are given on the datasheets to give more
accurate approximations by splitting the IV
curve into a low level current range and a high
level current range.
rT – On-state slope resistance
The straight line in the above approximation is
also defined by a slope (dIT/dVT) = 1/rT where
rT is called the slope resistance (dVT/dIT). Once
again rT is specified for low and high level
current range respectively.
A full explanation of how VT(TO) and rT are
derived is given in the Appendix 2.


Similar Part No. - AN5950

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN5951 DYNEX-AN5951 Datasheet
586Kb / 5P
   Estimation of turn-off losses
More results

Similar Description - AN5950

ManufacturerPart #DatasheetDescription
logo
Kendall Howard
5500-3-100-03 KENDALLHOWARD-5500-3-100-03 Datasheet
752Kb / 2P
   ADVANCED CLASSROOM TRAINING TABLES
logo
CUI INC
SCDXXPUN CUI-SCDXXPUN Datasheet
40Kb / 1P
   Characteristics of SCD15PUN
SCDXXPUR CUI-SCDXXPUR Datasheet
559Kb / 1P
   Characteristics of SCD10PUR
logo
Advanced Crystal Techno...
ACTF9006 ACT-ACTF9006 Datasheet
66Kb / 3P
   characteristics of SAW Filter
SEPT 04
ACTF474S ACT-ACTF474S Datasheet
150Kb / 5P
   characteristics of SAW Filter
SEPT 04
logo
Fairchild Semiconductor
FGL60N100D FAIRCHILD-FGL60N100D Datasheet
438Kb / 6P
   Electrical Characteristics of IGBT
FGL60N170D FAIRCHILD-FGL60N170D Datasheet
558Kb / 8P
   Electrical Characteristics of IGBT
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
204Kb / 6P
   Electrical Characteristics of IGBT
logo
Murata Manufacturing Co...
GRM0222C1E9R9WDAE MURATA-GRM0222C1E9R9WDAE Datasheet
50Kb / 1P
   Temperature range of temperature characteristics
GRM0222C1E101JA02 MURATA-GRM0222C1E101JA02 Datasheet
91Kb / 2P
   Temperature range of temperature characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com