Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHQ57110 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHQ57110
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHQ57110 Datasheet(HTML) 1 Page - International Rectifier

  IRHQ57110 Datasheet HTML 1Page - International Rectifier IRHQ57110 Datasheet HTML 2Page - International Rectifier IRHQ57110 Datasheet HTML 3Page - International Rectifier IRHQ57110 Datasheet HTML 4Page - International Rectifier IRHQ57110 Datasheet HTML 5Page - International Rectifier IRHQ57110 Datasheet HTML 6Page - International Rectifier IRHQ57110 Datasheet HTML 7Page - International Rectifier IRHQ57110 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RADIATION HARDENED
POWER MOSFET
SURFACE MOUNT (LCC-28)
05/0115
www.irf.com
1
LCC-28
IRHQ57110
100V, Quad N-CHANNEL
TECHNOLOGY
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Surface Mount
n Light Weight
Product Summary
Part Number Radiation Level RDS(on)
ID
IRHQ57110
100K Rads (Si)
0.27
4.6A
IRHQ53110
300K Rads (Si)
0.27
4.6A
IRHQ54110
500K Rads (Si)
0.27
4.6A
IRHQ58110
1000K Rads (Si)
0.29
4.6A
Absolute Maximum Ratings (Per Die)
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
4.6
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
2.9
IDM
Pulsed Drain Current
À
18.4
PD @ TC = 25°C
Max. Power Dissipation
12
W
Linear Derating Factor
0.1
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
47
mJ
IAR
Avalanche Current
À
4.6
A
EAR
Repetitive Avalanche Energy
À
1.2
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
6.1
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
°C
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
0.89 (Typical)
g
A
For footnotes refer to the last page
Pre-Irradiation
™
5
5
International Rectifier’s R5TM technology provides high
performance power MOSFETs for space applications.
These devices have been characterized for Single Event
Effects (SEE) with useful performance up to an LET of
80 (MeV/(mg/cm2)). The combination of low RDS(on) and
low gate charge reduces the power losses in switching
applications such as DC to DC converters and motor
control. These devices retain all of the well established
advantages of MOSFETs such as voltage control, fast
switching, ease of paralleling and temperature stability
of electrical parameters.
n ESD Rating: Class 1A per MIL-STD-750,
Method 1020
PD-94211E


Similar Part No. - IRHQ57110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ57110 IRF-IRHQ57110 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28), 100V, Quad N-CHANNEL
More results

Similar Description - IRHQ57110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com