Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5253AEAP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5253AEAP
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5253AEAP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5253AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 10Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 11Page - Maxim Integrated Products MAX5253AEAP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX5253 contains four 12-bit, voltage-output digi-
tal-to-analog converters (DACs) that are easily
addressed using a simple 3-wire serial interface. It
includes a 16-bit data-in/data-out shift register, and
each DAC has a doubled-buffered input composed of
an input register and a DAC register (see
Functional
Diagram). In addition to the four voltage outputs, each
amplifier’s negative input is available to the user.
The DACs are inverted R-2R ladder networks that con-
vert 12-bit digital inputs into equivalent analog output
voltages in proportion to the applied reference voltage
inputs. DACs A and B share the REFAB reference input,
while DACs C and D share the REFCD reference input.
The two reference inputs allow different full-scale output
voltage ranges for each pair of DACs. Figure 1 shows a
simplified circuit diagram of one of the four DACs.
Reference Inputs
The two reference inputs accept positive DC and AC
signals. The voltage at each reference input sets the
full-scale output voltage for its two corresponding
DACs. The reference input voltage range is 0V to (VDD
- 1.4V). The output voltages (VOUT_) are represented by
a digitally programmable voltage source as:
VOUT_ = (VREF x NB / 4096 ) x Gain
where NB is the numeric value of the DAC’s binary
input code (0 to 4095), VREF is the reference voltage,
and Gain is the externally set voltage gain.
The impedance at each reference input is code-depen-
dent, ranging from a low value of 10k
Ω when both
DACs connected to the reference have an input code
of 555 hex, to a high value exceeding several gigohms
(leakage current) with an input code of 000 hex. Because
the input impedance at the reference pins is code-
dependent, load regulation of the reference source is
important.
The REFAB and REFCD reference inputs have a 10k
guaranteed minimum input impedance. When the two
reference inputs are driven from the same source, the
effective minimum impedance is 5k
Ω. Driving the
REFAB and REFCD pins separately improves reference
accuracy.
In shutdown mode, the MAX5253’s REFAB and REFCD
inputs enter a high-impedance state with a typical input
leakage current of 0.01µA.
The reference input capacitance is also code depen-
dent and typically ranges from 20pF with an input code
of all 0s to 100pF with an input code of all 1s.
Output Amplifiers
All MAX5253 DAC outputs are internally buffered by pre-
cision amplifiers with a typical slew rate of 0.6V/µs.
Access to the inverting input of each output amplifier
provides the user greater flexibility in output gain setting/
signal conditioning (see the
Applications Information sec-
tion).
With a full-scale transition at the MAX5253 output, the
typical settling time to ±1/2LSB is 16µs when loaded
with 5k
Ω in parallel with 100pF (loads less than 2kΩ
degrade performance).
The MAX5253 output amplifier’s output dynamic
responses and settling performances are shown in the
Typical Operating Characteristics.
Shutdown Mode
The MAX5253 features a software-programmable shut-
down that reduces supply current to a typical value of
3µA. The power-down lockout (
PDL) pin must be high to
enable the shutdown mode. Writing 1100XXXXXXXXXXXX
as the input-control word puts the MAX5253 in shutdown
mode (Table 1).
OUT_
FB_
SHOWN FOR ALL 1s ON DAC
D0
D9
D10
D11
2R
2R
2R
2R
2R
RR
R
REF_
AGND
Figure 1. Simplified DAC Circuit Diagram


Similar Part No. - MAX5253AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253ACAP MAXIM-MAX5253ACAP Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5253ACPP MAXIM-MAX5253ACPP Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results

Similar Description - MAX5253AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
logo
Wolfson Microelectronic...
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
   3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com