Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX521BEWG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX521BEWG
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX521BEWG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX521BEWG Datasheet HTML 2Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 3Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 4Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 5Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 6Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 7Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 8Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 9Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
6
_______________________________________________________________________________________
______________________________Typical Operating Characteristics (continued)
(VDD = 5V, DAC outputs unloaded, TA = +25°C, unless otherwise noted.)
OUT2 = NO LOAD, REF2 = 4V,
DAC CODE = 00 HEX to FF HEX
1
µs/div
MAX520
POSITIVE SETTLING TIME
OUT2
1V/div
OUT2 = NO LOAD, REF2 = 4V,
DAC CODE = FF HEX to 00 HEX
1
µs/div
MAX520
NEGATIVE SETTLING TIME
OUT2
1V/div
REF2 = 4V, DAC CODE = 7F HEX to 80 HEX
500ns/div
MAX520
WORST-CASE 1LSB DIGITAL STEP CHANGE
(CAPACITIVE LOAD < 5pF)
OUT2
20mV/div
AC COUPLED
REF2 = 4V, DAC CODE = 7F HEX to 80 HEX
500ns/div
MAX520
WORST-CASE 1LSB DIGITAL STEP CHANGE
(CAPACITIVE LOAD = 25pF)
OUT2
20mV/div
AC COUPLED


Similar Part No. - MAX521BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5214 MAXIM-MAX5214 Datasheet
3Mb / 16P
   14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5214GUA MAXIM-MAX5214GUA Datasheet
3Mb / 16P
   14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5215GUA MAXIM-MAX5215GUA Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
More results

Similar Description - MAX521BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com