Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX521BEWG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX521BEWG
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX521BEWG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX521BEWG Datasheet HTML 5Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 6Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 7Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 8Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 9Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 10Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 11Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 12Page - Maxim Integrated Products MAX521BEWG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
_______________________________________________________________________________________
9
______________________________________________________________Pin Description
SCL
SDA
tLOW
tHIGH
tF
tR
tHD, STA
tHD, DAT
tHD, STA
tSU, DAT
tSU, STA
tBUF
tSU, STO
START CONDITION
STOP CONDITION
REPEATED START CONDITION
START CONDITION
Figure 1. 2-Wire Serial-Interface Timing Diagram
DIP
SO/SSOP
DIP/SO
SSOP
PIN
MAX521
NAME
MAX520
7
8
9
10
11
4
5
6
3
2
1
8
10
11
12
13
4
7, 9, 16, 20
5
6
3
2
1
12
13
14
15
14
15
17
18
16
19
17
18
19
20
21
22
23
24
Serial Clock Input
SCL
7
Serial Data Input
SDA
8
DAC4 Voltage Output
OUT4
DAC5 Voltage Output
OUT5
DAC6 Voltage Output
OUT6
Reference Voltage Input for DAC0
REF0
4
No Connect—not internally connected
N.C.
Digital Ground
DGND
6
Analog Ground
AGND
5
Reference Voltage Input for DAC1
REF1
3
DAC0 Voltage Output
OUT0
2
DAC1 Voltage Output
OUT1
1
9
10
5
4, 7, 14, 17
8
6
3
2
1
DAC7 Voltage Output
OUT7
Address Input 0; sets IC’s slave address
AD0
9
Address Input 1; sets IC’s slave address
AD1
10
Power Supply, +5V
VDD
12
11
12
15
Reference Voltage Input for DACs 4, 5, 6, and 7
REF4
Reference Voltage Input for DAC3
REF3
13
Reference Voltage Input for DAC2
REF2
14
DAC3 Voltage Output
OUT3
15
DAC2 Voltage Output
OUT2
16
16
18
19
20
FUNCTION
Address Input 2; sets IC’s slave address
AD2
11
13


Similar Part No. - MAX521BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5214 MAXIM-MAX5214 Datasheet
3Mb / 16P
   14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5214GUA MAXIM-MAX5214GUA Datasheet
3Mb / 16P
   14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5215GUA MAXIM-MAX5215GUA Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
More results

Similar Description - MAX521BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com