Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8T49N366I Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT8T49N366I
Description  Fourth generation FemtoClock
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8T49N366I Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT8T49N366I Datasheet HTML 3Page - Integrated Device Technology IDT8T49N366I Datasheet HTML 4Page - Integrated Device Technology IDT8T49N366I Datasheet HTML 5Page - Integrated Device Technology IDT8T49N366I Datasheet HTML 6Page - Integrated Device Technology IDT8T49N366I Datasheet HTML 7Page - Integrated Device Technology IDT8T49N366I Datasheet HTML 8Page - Integrated Device Technology IDT8T49N366I Datasheet HTML 9Page - Integrated Device Technology IDT8T49N366I Datasheet HTML 10Page - Integrated Device Technology IDT8T49N366I Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
IDT8T49N366AASGI REVISION A JUNE 28, 2013
7
©2013 Integrated Device Technology, Inc.
IDT8T49N366I Data Sheet
FEMTOCLOCK® NG TRIPLE UNIVERSAL FREQUENCY TRANSLATORTM
Frequency Synthesizer Mode
This mode of operation allows an arbitrary output frequency to be
generated from external REFCLK input. For improved phase noise
performance, the REFCLK input frequency is doubled. As can be
seen from the block diagram in Figure 1, only the upper feedback
loop is used in this mode of operation. It is recommended that CLK0
and CLK1 be left unused in this mode of operation.
The upper feedback loop supports a delta-sigma fractional feedback
divider. This allows the VCO operating frequency to be a non-integer
multiple of the REFCLK frequency. By using an integer multiple only,
lower phase noise jitter on the output can be achieved, however the
use of the delta-sigma divider logic will provide excellent
performance on the output if a fractional divisor is used.
Figure 1. Frequency Synthesizer Mode Block Diagram
High-Bandwidth Frequency Translator Mode
This mode of operation is used to translate one of two input clocks of
the same nominal frequency into an output frequency. As can be
seen from the block diagram in Figure 2, similarly to the Frequency
Synthesizer mode, only the upper feedback loop is used.
Figure 2. High Bandwidth Frequency Translator Mode
Block Diagram
The input reference frequency range is now extended up to 710MHz.
A pre-divider stage P is needed to keep the operating frequencies at
the phase detector within limits.
Low-Bandwidth Frequency Translator Mode
As can be seen from the block diagram in Figure 3, this mode
involves two PLL loops. The lower loop with the large integer dividers
is the low bandwidth loop and it sets the output-to-input frequency
translation ratio.This loop drives the upper DCXO loop (digitally
controlled crystal oscillator) via an analog-digital converter.
Figure 3. Low Bandwidth Frequency Translator Mode
Block Diagram
The phase detector of the lower loop is designed to work with
frequencies in the 8kHz - 16kHz range. The pre-divider stage is used
to scale down the input frequency by an integer value to achieve a
frequency in this range. By dividing down the fed-back VCO
operating frequency by the integer divider M1[18:0] to as close as
possible to the same frequency, exact output frequency translations
can be achieved.
Alarm Conditions & Status Bits
Each PLL of IDT8T49N366I monitors a number of conditions and
reports their status via both output pins and/or register bits. All alarms
will behave as indicated below in all modes of operation, but some of
the conditions monitored have no valid meaning in some operating
modes. For example, the status of CLK0BADx, CLK1BADx and
CLK_ACTIVEx are not relevant in Frequency Synthesizer mode. The
outputs will still be active and it is left to the user to determine which
to monitor and how to respond to them based on the known operating
mode.
CLK_ACTIVEx - indicates which input clock reference is being used
to derive the output frequency.
LOCKx - This status is asserted on the pin & register bit when the
PLL is locked to the appropriate input reference for the chosen mode
of operation. The status bit will not assert until frequency lock has
been achieved, but will de-assert once lock is lost.
REFBAD - indicates if valid edges are being received on the REFCLK
input. Detection is performed by comparing the input to the feedback
signal at the upper loop’s Phase / Frequency Detector (PFD). If three
edges are received on the feedback without an edge on the REFCLK
input, the REFBAD alarm is asserted in register bit. Once an edge is
detected on the REFCLK input, the alarm is immediately deasserted.


Similar Part No. - IDT8T49N366I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8T49N366I RENESAS-IDT8T49N366I Datasheet
700Kb / 37P
   FemtoClock ® NG Triple Universal Frequency TranslatorTM
JUNE 28, 2013
More results

Similar Description - IDT8T49N366I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
   Fourth generation FemtoClock
IDT8N4S271 IDT-IDT8N4S271 Datasheet
513Kb / 18P
   Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
ICS841N254BI IDT-ICS841N254BI Datasheet
570Kb / 24P
   Fourth generation FemtoClock
8T49N4811 IDT-8T49N4811 Datasheet
549Kb / 34P
   Fourth generation FemtoClock
ICS840N202I IDT-ICS840N202I Datasheet
482Kb / 31P
   Fourth generation FemtoClock
ICS843N3960I IDT-ICS843N3960I Datasheet
1Mb / 20P
   Fourth Generation FemtoClock
IDT8N3DV85 IDT-IDT8N3DV85 Datasheet
206Kb / 20P
   Fourth Generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com