Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5270BCMH Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5270BCMH
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5270BCMH Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5270BCMH Datasheet HTML 5Page - Maxim Integrated Products MAX5270BCMH Datasheet HTML 6Page - Maxim Integrated Products MAX5270BCMH Datasheet HTML 7Page - Maxim Integrated Products MAX5270BCMH Datasheet HTML 8Page - Maxim Integrated Products MAX5270BCMH Datasheet HTML 9Page - Maxim Integrated Products MAX5270BCMH Datasheet HTML 10Page - Maxim Integrated Products MAX5270BCMH Datasheet HTML 11Page - Maxim Integrated Products MAX5270BCMH Datasheet HTML 12Page - Maxim Integrated Products MAX5270BCMH Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
______________________________________________________________________________________
11
Table 3. Analog Voltage vs. Digital Code
The output amplifier multiplies VDAC by 2, yielding an
output voltage range of 2 REF- to 2 REF+ (Figure
1). Further manipulation of the output voltage span is
accomplished by offsetting DUTGND. The output volt-
age of the MAX5270 is described by the following
equation:
where DATA is the numeric value of the DAC’s binary
input code, and DATA ranges from 0 (20) to 8191
(213 - 1). The resolution of the MAX5270, defined as
1LSB, is described by the following equation:
Reference Selection
Since the MAX5270 has precision buffers on its refer-
ence inputs, the requirements for interfacing to these
inputs are minimal. Select a low-drift, low-noise refer-
ence within the recommended REF+ and REF- voltage
ranges. The MAX5270 does not require bypass capaci-
tors on its reference inputs. Add capacitors only if the
reference voltage source requires them to meet system
specifications.
Minimizing Output Glitch
The MAX5270’s internal deglitch circuitry is enabled on
the falling edge of LD. Therefore, to achieve optimum
performance, drive LD low after the inputs are either
latched or steady state. This is best accomplished by
having the falling edge of LD occur at least 50ns after
the rising edge of CS.
Power Supplies, Grounding,
and Bypassing
For optimum performance, use a multilayer PC board
with an unbroken analog ground. For normal operation,
connect the four DUTGND pins directly to the ground
plane. Avoid sharing the connections of these sensitive
pins with other ground traces.
As with any sensitive data-acquisition system, connect
the digital and analog ground planes together at a sin-
gle point, preferably directly underneath the MAX5270.
Avoid routing digital signals underneath the MAX5270
to minimize their coupling into the IC.
For normal operation, bypass VDD and VSS with 0.1µF
ceramic chip capacitors to the analog ground plane. To
enhance transient response and capacitive drive capa-
bility, add 10µF tantalum capacitors in parallel with the
ceramic capacitors. Note, however, that the MAX5270
does not require the additional capacitance for stability.
Bypass VCC with a 0.1µF ceramic chip capacitor to the
digital ground plane.
Power-Supply Sequencing
To guarantee proper operation of the MAX5270, ensure
that power is applied to VDD before VSS and VCC. Also
ensure that VSS is never more than 300mV above
ground. To prevent this situation, connect a Schottky
diode between VSS and the analog ground plane, as
shown in Figure 3. Do not power-up the logic input pins
before establishing the supply voltages. If this is not
possible and the digital lines can drive more than
10mA, place current-limiting resistors (e.g., 470
Ω) in
series with the logic pins.
LSB
2 REF
REF
2
13
=
+−
()
V
2
V
V
DATA
2
V
V
OUT
REF
REF
13
REF
OUTGND
=−
()
+
+−
INPUT CODE
0 0000 0000 0001
1 1111 1111 1111
0 1111 1111 1111
1 0000 0000 0000
0 0000 0000 0000
OUTPUT
VOLTAGE (V)
+0.001
+8.191
+4.095
+4.096
0
Note: Output voltage is based on REF+ = +4.096V, REF- = 0V,
and DUTGND = 0.
GND
VSS
SYSTEM GND
1N5817
VSS
VSS
Figure 3. Schottky Diode Between VSS and GND


Similar Part No. - MAX5270BCMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX527 MAXIM-MAX527 Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX527CCNG MAXIM-MAX527CCNG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX527CCWG MAXIM-MAX527CCWG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX527CENG MAXIM-MAX527CENG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX527CEWG MAXIM-MAX527CEWG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
More results

Similar Description - MAX5270BCMH

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com