Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX490ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX490ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX490ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX490ESA Datasheet HTML 1Page - Maxim Integrated Products MAX490ESA Datasheet HTML 2Page - Maxim Integrated Products MAX490ESA Datasheet HTML 3Page - Maxim Integrated Products MAX490ESA Datasheet HTML 4Page - Maxim Integrated Products MAX490ESA Datasheet HTML 5Page - Maxim Integrated Products MAX490ESA Datasheet HTML 6Page - Maxim Integrated Products MAX490ESA Datasheet HTML 7Page - Maxim Integrated Products MAX490ESA Datasheet HTML 8Page - Maxim Integrated Products MAX490ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
_______________________________________________________________________________________
3
SWITCHING CHARACTERISTICS—MAX481/MAX485, MAX490/MAX491, MAX1487
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
mA
795
0V ≤ VO ≤ VCC
IOSR
Receiver Short-Circuit Current
mA
35
250
-7V ≤ VO ≤12V (Note 4)
IOSD2
Driver Short-Circuit Current,
VO = Low
mA
35
250
-7V ≤ VO ≤12V (Note 4)
IOSD1
Driver Short-Circuit Current,
VO = High
MAX1487,
RE = 0V or VCC
250
400
350
650
ns
10
30
60
tPHL
Driver Rise or Fall Time
Figures 6 and 8, RDIFF = 54Ω, CL1 = CL2 = 100pF
ns
MAX490M, MAX491M
MAX490C/E, MAX491C/E
20
90
150
MAX481, MAX485, MAX1487
MAX490M, MAX491M
MAX490C/E, MAX491C/E
MAX481, MAX485, MAX1487
Figures 6 and 8, RDIFF = 54Ω,
CL1 = CL2 = 100pF
MAX481 (Note 5)
Figures 5 and 11, CRL = 15pF, S2 closed
Figures 5 and 11, CRL = 15pF, S1 closed
Figures 5 and 11, CRL = 15pF, S2 closed
Figures 5 and 11, CRL = 15pF, S1 closed
Figures 6 and 10, RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 6 and 8,
RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 6 and 10,
RDIFF = 54Ω,
CL1 = CL2 = 100pF
CONDITIONS
ns
510
tSKEW
ns
50
200
600
tSHDN
Time to Shutdown
Mbps
2.5
fMAX
Maximum Data Rate
ns
20
50
tHZ
Receiver Disable Time from High
ns
10
30
60
tPLH
20
50
tLZ
Receiver Disable Time from Low
ns
20
50
tZH
Driver Input to Output
Receiver Enable to Output High
ns
20
50
tZL
Receiver Enable to Output Low
20
90
200
ns
ns
13
40
70
tHZ
tSKD
Driver Disable Time from High
| tPLH - tPHL | Differential
Receiver Skew
ns
40
70
tLZ
Driver Disable Time from Low
ns
40
70
tZL
Driver Enable to Output Low
315
40
ns
515
25
ns
315
40
tR, tF
20
90
200
Driver Output Skew to Output
tPLH, tPHL
Receiver Input to Output
40
70
tZH
Driver Enable to Output High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
230
400
300
500
MAX481/MAX485,
RE = 0V or VCC
500
900
MAX490/MAX491,
DE, DI, RE = 0V or VCC
300
500
MAX488/MAX489,
DE, DI, RE = 0V or VCC
120
250
DE = VCC
300
500
DE = 0V
DE = VCC
DE = 0V
µA
MAX481/483/487, DE = 0V, RE = VCC
0.1
10
ISHDN
Supply Current in Shutdown
120
250
ICC
No-Load Supply Current
(Note 3)
DE = 5V
DE = 0V
MAX483
MAX487
MAX483/MAX487,
RE = 0V or VCC
Figures 7 and 9, CL = 100pF, S2 closed
Figures 7 and 9, CL = 100pF, S1 closed
Figures 7 and 9, CL = 15pF, S1 closed
Figures 7 and 9, CL = 15pF, S2 closed
µA


Similar Part No. - MAX490ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX490ECPA MAXIM-MAX490ECPA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX490ECSA MAXIM-MAX490ECSA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX490EEPA MAXIM-MAX490EEPA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX490EESA MAXIM-MAX490EESA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
More results

Similar Description - MAX490ESA

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
MAX485ESA UMW-MAX485ESA Datasheet
394Kb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
KODENSHI_AUK CORP.
KKX485 KODENSHI-KKX485 Datasheet
305Kb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com